Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203537 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 203537
Description  MOD JACK- MJE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203537 Datasheet(HTML) 1 Page - ERNI Electronics

  203537 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5,40 0,2
3,43 0,2
9,18 0,2
10,00 0,39
12,70
1,02 0,04
RECOMMENDED PANEL CUTOUT
EMPFOHLENER FRONTPLATTEN-AUSSCHNITT
17,00 0,67
±0,01
[0,649
0,25
]
±0,01
[0,620
]
±0,01
[0,27
]
±0,01
[0,21
]
±0,01
[0,13
]
±0,01
[0,36
]
x
0,50
x.x
0,38
x.xx
Notes: Cavity confirms to FCC Rules and Regulations Part 68, Subpart F
A3
prior notice.
contact one of the ERNI companies
Date
12.12.2013
Index
MJ
8P8C, 1X1, LED
MOD JACK- MJE
203531
2:1
Information:
Tolerances
Scale
All Dimensions
I (1/1)
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
[1,13±0,002]
0,25
15,75
6,80 0,25
0,06
3,38
LED 1
Right LED
LED 2
Left LED
0,25
16,50
203535
203534
203536
L1
203533
ORANGE / GREEN
L2
IDENT. NR.
LED 2
RIGHT
GREEN
L9
L11
L8
L5
L3
NO.
LEFT
LED 1
CODE
YELLOW
YELLOW
GREEN
GREEN
YELLOW
GREEN
RED
YELLOW
YELLOW
ORANGE / GREEN
GREEN / ORANGE
GREEN
203538
203537
LED
203532
N
G
N
20
20
20
20
20
2.5
2.5
2.5
G
f
2.5
2.5
2.2 /
2.2
2.25
SCHALTSKIZZE
N
I
2.05
2.2
2.1
2.05 /
MAX
mA
V
TYP
9
10
11 12
9
10
11 12
9
10
11 12
9
10
11 12
9
10
11 12
YELLOW
f
f
GREEN
RED
CIRCUIT DIAGRAM
FARBE
ORANGE / GREEN
GREEN / ORANGE
G
N
G
V
COLOR
LED SPECIFICATIONS
8
2
7
1
9 10
11 12
RECOMMENDED PCB LAYOUT (COMPONENT SIDE VIEW)
EMPFOHLENES LEITERPLATTEN-LAYOUT (BESTUECKUNGSSEITE)
TOL. 0.05 [0.002] UNLESS NOTED
1,78
2,29 0,09
0,09
2,29
0,50
0,08
2,04
X2
0,06 ±
0,00
1,60 ±
0,07
1,02 0,04
13,72 0,54
±0,00
0,04
X12
±0,07
0,90
0,13
X2
±0,00
±0,07
3,20
0,02
0,51
12,70
0,07
2,78 0,11
1:1
Technical specifications
Materials & Finish
Mechanical properties
Std. applicable
Insulation body
PA46 GF30
Insertion/withdrawal force
IEC 603-7
max. 20 N
Contact material
Phosphor Bronze (C5210)
Mechanical operations
IEC 512-5, 9a min. 1.000
Contact finish, mating zone
30µin Au
Effectiveness of connector
Contact finish, termination zone Au flash
coupling device
IEC 512-8, 15f
50 N
Underplating
20-50µin Ni
Shell/shield material
C2680 (acc. JIS)
Electrical properties
Shell/shield plating
20-50µin Ni
Creepage / clearance distances
a) Contact - contact
IEC 807-3
0,52 mm
Assembly Process
b) Contact - shell
IEC 807-3
min 1,0 mm
Packaging
Tray
Voltage proof (Dielectric Withstand Voltage)
Solder temperature
260°C at 3-5s
a) Contact - contact
IEC 512-2, 4a min. 1.000 V AC/DC
Suitable assembly process
wave
b) Contact - shell/ testpane IEC 512-2, 4a min. 1.500 V AC/DC
Current carrying capacity
IEC 512-3, 5b
1.5 A @ 25°C
Approvals
Contact resistance
IEC 512-2, 2a max. 30 mOhm
UL insulation body
V0
Insulation resistance
IEC 512-2, 3a min. 500 MOhm
UL File No.
E145613
RoHS compliant
Yes
Environmental properties
Operation temperature
-40 to +85°C


Similar Part No. - 203537

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2035366-1 MACOM-2035366-1 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
logo
TE Connectivity Ltd
2035366-1 TEC-2035366-1 Datasheet
864Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
2035366-2 MACOM-2035366-2 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
logo
TE Connectivity Ltd
2035366-2 TEC-2035366-2 Datasheet
864Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
2035366-3 MACOM-2035366-3 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
More results

Similar Description - 203537

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203529 ERNI-203529 Datasheet
42Kb / 1P
   MOD JACK- MJE
100204180003 ERNI-100204180003 Datasheet
40Kb / 1P
   MOD JACK- MJE 8P8C
100100470001 ERNI-100100470001 Datasheet
611Kb / 1P
   MOD JACK
133776 ERNI-133776 Datasheet
89Kb / 1P
   MOD JACK
203509 ERNI-203509 Datasheet
809Kb / 2P
   MOD-JACK
133027 ERNI-133027 Datasheet
903Kb / 2P
   MOD JACK - MJD
133037 ERNI-133037 Datasheet
973Kb / 2P
   MOD JACK - MJD
133188 ERNI-133188 Datasheet
629Kb / 1P
   MOD JACK - MJV
133701 ERNI-133701 Datasheet
41Kb / 1P
   MOD JACK - MJLS
133703 ERNI-133703 Datasheet
678Kb / 1P
   MOD JACK - MJR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com