Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE440A Datasheet(PDF) 7 Page - STMicroelectronics

Part # P6KE440A
Description  Transil, transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE440A Datasheet(HTML) 7 Page - STMicroelectronics

  P6KE440A Datasheet HTML 1Page - STMicroelectronics P6KE440A Datasheet HTML 2Page - STMicroelectronics P6KE440A Datasheet HTML 3Page - STMicroelectronics P6KE440A Datasheet HTML 4Page - STMicroelectronics P6KE440A Datasheet HTML 5Page - STMicroelectronics P6KE440A Datasheet HTML 6Page - STMicroelectronics P6KE440A Datasheet HTML 7Page - STMicroelectronics P6KE440A Datasheet HTML 8Page - STMicroelectronics P6KE440A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
P6KE
Package information
Doc ID 3068 Rev 7
7/9
Table 5.
Marking
Unidirectional
order code
Marking(1)
1.
Includes a space character after P6KE for ECOPACK2 compliant devices
Bidirectional
order code
Marking(1)
P6KE6V8A
P6KE6V8A
P6KE6V8CA
P6KE6V8CA
P6KE7V5A
P6KE7V5A
P6KE7V5CA
P6KE7V5CA
P6KE10A
P6KE10A
P6KE10CA
P6KE10CA
P6KE12A
P6KE12A
P6KE12CA
P6KE12CA
P6KE15A
P6KE15A
P6KE15CA
P6KE15CA
P6KE18A
P6KE18A
P6KE18CA
P6KE18CA
P6KE22A
P6KE22A
P6KE22CA
P6KE22CA
P6KE24A
P6KE24A
P6KE24CA
P6KE24CA
P6KE27A
P6KE27A
P6KE27CA
P6KE27CA
P6KE30A
P6KE30A
P6KE30CA
P6KE30CA
P6KE33A
P6KE33A
P6KE33CA
P6KE33CA
P6KE36A
P6KE36A
P6KE36CA
P6KE36CA
P6KE39A
P6KE39A
P6KE39CA
P6KE39CA
P6KE47A
P6KE47A
P6KE47CA
P6KE47CA
P6KE56A
P6KE56A
P6KE56CA
P6KE56CA
P6KE68A
P6KE68A
P6KE68CA
P6KE68CA
P6KE82A
P6KE82A
P6KE82CA
P6KE82CA
P6KE100A
P6KE100A
P6KE100CA
P6KE100CA
P6KE120A
P6KE120A
P6KE120CA
P6KE120CA
P6KE150A
P6KE150A
P6KE150CA
P6KE150CA(2)
2.
Includes a space character after P6KE for ECOPACK1 compliant devices in tape and reel packaging.
P6KE180A
P6KE180A
P6KE180CA
P6KE180CA
P6KE200A
P6KE200A
P6KE200CA
P6KE200CA
P6KE220A
P6KE220A
P6KE220CA
P6KE220CA
P6KE250A
P6KE250A
P6KE250CA
P6KE250CA
P6KE300A
P6KE300A
P6KE300CA
P6KE300CA
P6KE350A
P6KE350A
P6KE350CA
P6KE350CA
P6KE400A
P6KE400A(2)
P6KE400CA
P6KE400CA
P6KE440A
P6KE440A(2)
P6KE440CA
P6KE440CA


Similar Part No. - P6KE440A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE440A PANJIT-P6KE440A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Cystech Electonics Corp...
P6KE440A CYSTEKEC-P6KE440A Datasheet
495Kb / 6P
   Transient Voltage Suppressors
logo
CHENG-YI ELECTRONIC CO....
P6KE440A CHENG-YI-P6KE440A Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
P6KE440A SECOS-P6KE440A Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Comchip Technology
P6KE440A COMCHIP-P6KE440A Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
More results

Similar Description - P6KE440A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com