Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P155PFM-103 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89P155PFM-103
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P155PFM-103 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89P155PFM-103 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 11Page - Fujitsu Component Limited. MB89P155PFM-103 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MB89150/150A Series
• Pin assignment on package top
N.C.: Internally connected. Do not use.
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
81
N.C.
89
A2
97
N.C.
105
OE
82
VPP
90
A1
98
O4
106
N.C.
83
A12
91
A0
99
O5
107
A11
84
A7
92
N.C.
100
O6
108
A9
85
A6
93
O1
101
O7
109
A8
86
A5
94
O2
102
O8
110
A13
87
A4
95
O3
103
CE
111
A14
88
A3
96
VSS
104
A10
112
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
P41/SEG21*2
P42/SEG22*2
P43/SEG23*2
P44/SEG24*2
P45/SEG25*2
P46/SEG26*2
P47/SEG27*2
P50/SEG28*2
P51/SEG29*2
P52/SEG30*2
P53/SEG31*2
P54/SEG32*2
P55/SEG33*2
P56/SEG34*2
VSS
P57/SEG35*2
X1
X0
MOD1
MOD0
RST
P00/INT20
P01/INT21
P02/INT22
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
SEG4
SEG3
SEG2
SEG1
SEG0
COM3
COM2
COM1
COM0
VCC
V3
V2
V1
V0
P32
P31
P30/RCO
X1A
X0A
P27/BUZ*1
P26*1
P25/SCK
P24/SO
P23/SI
(Top view)
101
102
103
104
105
106
107
108
109
93
92
91
90
89
88
87
86
85
*1: N-ch open-drain high-current drive type
*2: Selected using the mask option (in units of 4 pins).
(MQP-80C-P01)


Similar Part No. - MB89P155PFM-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P131 FUJITSU-MB89P131 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P131 FUJITSU-MB89P131 Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
MB89P131 FUJITSU-MB89P131 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
MB89P131-101 FUJITSU-MB89P131-101 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P155PFM-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com