Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P629PF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89P629PF
Description  8-bit Proprietary Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P629PF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89P629PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 9Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 10Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 11Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 12Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 13Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 14Page - Fujitsu Component Limited. MB89P629PF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
MB89628R/629R/P629
s PROGRAMMING TO THE EPROM ON THE MB89P629
The MB89P629 is an OTPROM version of the MB89628R and MB89629R.
1. Features
• 16-Kbyte PROM on chip
• Options can be set using the EPROM programmer.
• Equivalency to the MBM27C256A in EPROM mode (when programmed with the EPROM programmer)
2. Memory Space
Memory space in EPROM mode, option area is diagrammed below.
3. Programming to the EPROM
In EPROM mode, the MB89P629 functions equivalent to the MBM27C256A. This allows the PROM to be
programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by
using the dedicated socket adapter.
• Programming procedure
(1) Set the EPROM programmer to the MBM27C256A.
(2) Load program data into the EPROM programmer at 0000H to 7FFFH (note that addresses 8000H to FFFFH
while operating as a single chip assign to 0000H to 7FFFH in EPROM mode. For information about each
corresponding option, see “7. Setting OTPROM Options.”)
(3) Program to 0000H to 7FFFH with the EPROM programmer.
Program area
(EPROM)
32 KB
7FFFH
0000H
Option area
Option area
0007H
0000H
Address
0080H
0100H
0200H
8000H
Single chip
I/O
RAM
Register
PROM
32 KB
Not available
1080H
8007H
FFFFH
EPROM mode
(Corresponding addresses on the EPROM programmer)


Similar Part No. - MB89P629PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P625 FUJITSU-MB89P625 Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
MB89P625 FUJITSU-MB89P625 Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89P625 FUJITSU-MB89P625 Datasheet
915Kb / 61P
   8-bit Proprietary Microcontroller
MB89P625P-SH FUJITSU-MB89P625P-SH Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89P625P-SH FUJITSU-MB89P625P-SH Datasheet
915Kb / 61P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P629PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com