Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC115TM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC115TM
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115TM Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC115TM Datasheet HTML 1Page - NXP Semiconductors PDTC115TM Datasheet HTML 2Page - NXP Semiconductors PDTC115TM Datasheet HTML 3Page - NXP Semiconductors PDTC115TM Datasheet HTML 4Page - NXP Semiconductors PDTC115TM Datasheet HTML 5Page - NXP Semiconductors PDTC115TM Datasheet HTML 6Page - NXP Semiconductors PDTC115TM Datasheet HTML 7Page - NXP Semiconductors PDTC115TM Datasheet HTML 8Page - NXP Semiconductors PDTC115TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
2 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
2.
Pinning information
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23, SOT323, SOT346, SOT416
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa218
2
3
1
R1
001aab348
1
2
3
006aaa218
2
3
1
R1
001aab447
1
2
3
006aaa218
2
3
1
R1
006aaa144
12
3
sym012
3
2
1
R1
3
1
2
Transparent
top view
sym012
3
2
1
R1


Similar Part No. - PDTC115TM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC115TM NEXPERIA-PDTC115TM Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC115TM NEXPERIA-PDTC115TM Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTC115TMB NEXPERIA-PDTC115TMB Datasheet
615Kb / 12P
   NPN resistor-equipped transistor; R1 = 100 k廓, R2 = open
More results

Similar Description - PDTC115TM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
logo
NXP Semiconductors
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
logo
NXP Semiconductors
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
logo
NXP Semiconductors
PDTC114TT-215 NXP-PDTC114TT-215 Datasheet
88Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com