Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC20KC0560 Datasheet(PDF) 2 Page - AVX Corporation

Part # NC20KC0560
Description  NTC SMD Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NC20KC0560 Datasheet(HTML) 2 Page - AVX Corporation

  NC20KC0560 Datasheet HTML 1Page - AVX Corporation NC20KC0560 Datasheet HTML 2Page - AVX Corporation NC20KC0560 Datasheet HTML 3Page - AVX Corporation NC20KC0560 Datasheet HTML 4Page - AVX Corporation NC20KC0560 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11
NTC SMD Thermistors
NC 12 – NC 20
NC 12
IEC SIZE : 0805
Types
Rn at 25°C
Material
B (K)
at 25°C
(
Ω)
Code
( B/B
) (%/°C)
NC 12 KC 0 180
18
NC 12 KC 0 220
22
NC 12 KC 0 270
27
NC 12 KC 0 330
33
NC 12 KC 0 390
39
KC
3470 ± 5%
– 3.9
NC 12 KC 0 470
47
NC 12 KC 0 560
56
NC 12 KC 0 680
68
NC 12 KC 0 820
82
NC 12 KC 0 101
100
NC 12 MC 0 121
120
NC 12 MC 0 151
150
NC 12 MC 0 181
180
NC 12 MC 0 221
220
NC 12 MC 0 271
270
NC 12 MC 0 331
330
NC 12 MC 0 391
390
NC 12 MC 0 471
470
NC 12 MC 0 561
560
MC
3910 ± 3%
– 4.4
NC 12 MC 0 681
680
NC 12 MC 0 821
820
NC 12 MC 0 102
1,000
NC 12 MC 0 122
1,200
NC 12 MC 0 152
1,500
NC 12 MC 0 182
1,800
NC 12 MC 0 222
2,200
NC 12 MC 0 272
2,700
NC 12 MC 0 332
3,300
NC 12 J 0 0332
3,300
NC 12 J 0 0392
3,900
J
3480 ± 3%
– 3.9
NC 12 J 0 0472
4,700
NC 12 J 0 0562
5,600
NC 12 K 0 0682
6,800
NC 12 K 0 0822
8,200
K
3630 ± 3%
– 4.0
NC 12 K 0 0103
10,000
NC 12 K 0 0123
12,000
NC 12 L 0 0153
15,000
L
3790 ± 3%
– 4.2
NC 12 L 0 0183
18,000
NC 12 M 0 0223
22,000
NC 12 M 0 0273
27,000
M
3950 ± 3%
– 4.4
NC 12 M 0 0333
33,000
NC 12 M 0 0393
39,000
NC 12 N 0 0473
47,000
N
4080 ± 3%
– 4.6
NC 12 N 0 0563
56,000
NC 12 L 2 0683
68,000
L2
3805 ± 3%
– 4.1
NC 12 N 0 0823
82,000
N
4080 ± 3%
– 4.6
NC 12 P 0 0104
100,000
NC 12 P 0 0124
120,000
P
4220 ± 3%
– 4.7
NC 12 P 0 0154
150,000
NC 12 P 0 0184
180,000
NC 12 Q 0 0224
220,000
Q
4300 ± 3%
-4.7
NC 20
IEC SIZE : 1206
Types
Rn at 25°C
Material
B (K)
at 25°C
(
Ω)
Code
( B/B
) (%/°C)
NC 20 KC 0 100
10
NC 20 KC 0 120
12
NC 20 KC 0 150
15
NC 20 KC 0 180
18
NC 20 KC 0 220
22
NC 20 KC 0 270
27
KC
3470 ± 5%
– 3.9
NC 20 KC 0 330
33
NC 20 KC 0 390
39
NC 20 KC 0 470
47
NC 20 KC 0 560
56
NC 20 KC 0 680
68
NC 20 KC 0 820
82
NC 20 KC 0 101
100
NC 20 MC 0 121
120
NC 20 MC 0 151
150
NC 20 MC 0 181
180
NC 20 MC 0 221
220
NC 20 MC 0 271
270
NC 20 MC 0 331
330
NC 20 MC 0 391
390
MC
3910 ± 3%
– 4.4
NC 20 MC 0 471
470
NC 20 MC 0 561
560
NC 20 MC 0 681
680
NC 20 MC 0 821
820
NC 20 MC 0 102
1,000
NC 20 MC 0 122
1,200
NC 20 MC 0 152
1,500
NC 20 I 0 0182
1,800
NC 20 I 0 0222
2,200
NC 20 I 0 0272
2,700
I
3250 ± 5%
– 3.7
NC 20 I 0 0332
3,300
NC 20 J 0 0392
3,900
NC 20 J 0 0472
4,700
J
3480 ± 3%
– 3.9
NC 20 J 0 0562
5,600
NC 20 J 0 0682
6,800
NC 20 K 0 0822
8,200
NC 20 K 0 0103
10,000
K
3630 ± 3%
– 4.0
NC 20 K 0 0123
12,000
NC 20 K 0 0153
15,000
NC 20 L 0 0183
18,000
L
3790 ± 3%
– 4.2
NC 20 L 0 0223
22,000
NC 20 M 0 0273
27,000
NC 20 M 0 0333
33,000
M
3950 ± 3%
– 4.4
NC 20 M 0 0393
39,000
NC 20 M 0 0473
47,000
NC 20 N 0 0563
56,000
NC 20 N 0 0683
68,000
N
4080 ± 3%
– 4.6
NC 20 N 0 0823
82,000
NC 20 N 0 0104
100,000
NC 20 P 0 0124
120,000
NC 20 P 0 0154
150,000
P
4220 ± 3%
– 4.7
NC 20 P 0 0184
180,000
NC 20 P 0 0224
220,000
NC 20 Q 0 0274
270,000
NC 20 Q 0 0334
330,000
Q
4300 ± 3%
– 4.7
NC 20 Q 0 0394
390,000
NC 20 Q 0 0474
470,000
NC 20 R 0 0564
560,000
NC 20 R 0 0684
680,000
R
4400 ± 3%
– 4.8
NC 20 R 0 0824
820,000
NC 20 R 0 0105
1,000,000
(1) ± 5%
(2) ± 3%
(1) ± 5%
(2) ± 3%
TABLE OF VALUES


Similar Part No. - NC20KC0560

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC20K00103KBA AVX-NC20K00103KBA Datasheet
200Kb / 5P
   NTC SMD Thermistors NC 12 ??NC 20
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC20K0103HBA AVX-NC20K0103HBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC20K0103HBB AVX-NC20K0103HBB Datasheet
379Kb / 10P
   NTC SMD Thermistors
More results

Similar Description - NC20KC0560

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com