Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFE600-12-054 Datasheet(PDF) 1 Page - Power-One

Part # PFE600-12-054
Description  Best-in-class, 80 PLUS certified Platinum efficiency
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFE600-12-054 Datasheet(HTML) 1 Page - Power-One

  PFE600-12-054 Datasheet HTML 1Page - Power-One PFE600-12-054 Datasheet HTML 2Page - Power-One PFE600-12-054 Datasheet HTML 3Page - Power-One PFE600-12-054 Datasheet HTML 4Page - Power-One PFE600-12-054 Datasheet HTML 5Page - Power-One PFE600-12-054 Datasheet HTML 6Page - Power-One PFE600-12-054 Datasheet HTML 7Page - Power-One PFE600-12-054 Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BCD.00037 Rev. AB, 19-Jan-2011
Page 1 / 8
www.power-one.com
PFE600-12-054NA Short Form Data Sheet
600 Watts, 12 VDC Output
Applications
• High performance servers, routers, and switches.
Features
• Best-in-class, 80 PLUS certified “Platinum” efficiency
• Wide input voltage range: 90-264 VAC
• AC input with power factor correction
• Always-On 16.5W programmable standby output (3.3/5 V)
• Hot-plug capable
• Parallel operation with active digital current sharing
• Full digital controls for improved performance
• High density design: 14.0 W/in3
• Small form factor: 54.5 x 40.0 x 321.5 mm
• I2C communication interface for control, programming and
monitoring with PSMI and PMBus™ protocol
• Overtemperature, output overvoltage and overcurrent
protection
• 256 Bytes of EEPROM for user information
• 2 Status LEDs: AC OK and DC OK with fault signaling
Description
The PFE600-12-054NA is a 600 watt, AC to DC power-factor-corrected (PFC) power supply that converts standard AC mains
power into a main output of 12 VDC for powering intermediate bus architectures (IBA) in high performance and reliability
servers, routers, and network switches. The PFE600-12-054NA meets international safety standards and displays the CE-Mark
for the European Low Voltage Directive (LVD).
88
89
90
91
92
93
94
95
0
100
200
300
400
500
600
Po [W]
Vi = 230VAC; fan external
Vi = 230VAC; fan internal
Platinum
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
0
100
200
300
400
500
600
Po [W]
230VAC
115VAC
ORDERING INFORMATION
PFE
600
-
12
-
054
N
A
Product Family
PFE Front-Ends
Power Level
600W
Dash
V1 Output
12V
Dash
Width
54mm
Airflow
N: normal
R: reversed
Input
A: AC
D: DC


Similar Part No. - PFE600-12-054

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
More results

Similar Description - PFE600-12-054

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TET-2000 BEL-TET-2000 Datasheet
1Mb / 25P
   Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PET800-12-074XA BEL-PET800-12-074XA Datasheet
938Kb / 20P
   Best-in-Class, 80 PLUS Certified ?쏱latinum??Efficiency
TET2000 BEL-TET2000 Datasheet
1Mb / 25P
   Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET2500 BEL-TET2500 Datasheet
1Mb / 25P
   Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PET2000-12-074XH BEL-PET2000-12-074XH Datasheet
1Mb / 32P
   Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PET2000-NAS446 BEL-PET2000-NAS446 Datasheet
1Mb / 22P
   Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PTU2000-12-074NA BEL-PTU2000-12-074NA Datasheet
831Kb / 9P
   Best-in-class, 80 PLUS ?쏱latinum??efficiency
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
   Best-in-class, Titanium efficiency
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
   Best-in-class, Titanium efficiency
PTU2000-12-074ND BEL-PTU2000-12-074ND Datasheet
1Mb / 26P
   Best-in-class, ?쏱latinum??efficiency
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com