Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89677APF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89677APF
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89677APF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89677APF Datasheet HTML 4Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 5Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 6Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 7Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 8Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 9Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 10Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 11Page - Fujitsu Component Limited. MB89677APF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
MB89670/A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
QFP*2
MQFP*3
11
13
X0
A
Clock oscillator pins
12
14
X1
9
11
MOD0
B
Operating mode selection pins
Connect directly to VCC or VSS.
10
12
MOD1
14
16
RST
C
Reset I/O pin
This pin is an N-ch open-drain output type with pull-up
resistor and a hysteresis input.
“L” is output from this pin by an internal reset source.
The internal circuit is initialized by the input of “L”.
38 to 31
40 to 33
P00/AD0 to
P07/AD7
D
General-purpose I/O ports
When an external bus is used, these ports function as
multiplex pins of lower address output and data I/O.
30 to 23
32 to 25
P10/A08 to
P17/A15
General-purpose I/O ports
When an external bus is used, these ports function as
upper address output pins.
22
24
P20/BUFC
F
General-purpose output port
When an external bus is used, this port can also be
used as a buffer control output by setting the BCTR.
21
23
P21/HAK
F
General-purpose output port
When an external bus is used, this port can also be
used as a hold acknowledge output by setting the
BCTR.
20
22
P22/HRQ
D
General-purpose output port
When an external bus is used, this port can also be
used as a hold request input by setting the BCTR.
19
21
P23/RDY
D
General-purpose output port
When an external bus is used, this port functions as a
ready input.
18
20
P24/CLK
F
General-purpose output port
When an external bus is used, this port functions as a
clock output.
17
19
P25/WR
F
General-purpose output port
When an external bus is used, this port functions as a
write signal output.
16
18
P26/RD
F
General-purpose output port
When an external bus is used, this port functions as a
read signal output.
15
17
P27/ALE
F
General-purpose output port
When an external bus is used, this port functions as an
address latch signal output.


Similar Part No. - MB89677APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89677AR FUJITSU-MB89677AR Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89677AR FUJITSU-MB89677AR Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
MB89677ARPF FUJITSU-MB89677ARPF Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89677ARPF FUJITSU-MB89677ARPF Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
MB89677ARPFM FUJITSU-MB89677ARPFM Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89677APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com