Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P825 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89P825
Description  8-bit Proprietary Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P825 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89P825 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P825 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
MB89820 Series
(Continued)
*1: The function is selected by the mask option.
*2: Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
*3: The operation at less than 2.2 V is assured separately. Please contact FUJITSU LIMITED.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89823
MB89P825
MB89PV820
UART
5-, 7-, 8-bit transfer capable
Internal baud-rate generator (max. 78125 bps/5 MHz)
LCD controller/
driver
Common output: 4
Segment output: 50 (max.)
Operating mode: 1/2 bias, 1/2 duty; 1/3 bias, 1/3 duty; 1/3 bias, 1/4 duty
LCD display RAM size: 50
× 4 bits
Dividing resistor for LCD driving: Built-in (An external resistor selectable)
External interrupt
2 channels (edge selectable) (1 channel also serves as a pulse width count timer input)
Standby mode
Sleep mode, stop mode
Process
CMOS
Operating voltage*2
2.2 V*3 to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20TV
(LCC package)
Package
MB89821
MB89823
MB89P825
MB89PV820
FPT-80P-M11
×
MQP-80C-P01
×
MB89821
Part number
Parameter


Similar Part No. - MB89P825

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P825 FUJITSU-MB89P825 Datasheet
380Kb / 38P
   8-bit Proprietary Microcontroller
MB89P825PFM FUJITSU-MB89P825PFM Datasheet
380Kb / 38P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P825

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com