Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P857 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89P857
Description  8-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P857 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89P857 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DS07-12535-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89850R Series
MB89855R/P857/W857
s DESCRIPTION
The MB89850R series has been developed as a general-purpose version of the F2MC*-8L family consisting of
proprietary 8-bit, single-chip microcontrollers.
In addition to the F2MC-8L CPU core which can operate at low voltage but at high speed, the microcontrollers
contain a variety of peripheral functions such as a timer unit, PWM timers, a UART, a serial interface, a 10-bit
A/D converter, and an external interrupt.
The MB89850R series is applicable to a wide range of applications from consumer products to industrial
equipment, including portable devices.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
• Various package options
SDIP package (64 pins)/QFP package (64 pins)
• High-speed processing at low voltage
Minimum execution time: 0.4
µs/3.5 V, 0.8 µs/2.7 V
(Continued)
s PACKAGE
64-pin Plastic SH-DIP
(DIP-64P-M01)
64-pin Plastic QFP
(FPT-64P-M06)
64-pin Ceramic SH-DIP
(DIP-64C-A06)
64-pin Ceramic QFP
(FPT-64C-A02)
(DIP-64P-M01)
(FPT-64P-M06)
(DIP-64C-A06)
(FPT-64C-A02)


Similar Part No. - MB89P857

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P857 FUJITSU-MB89P857 Datasheet
731Kb / 51P
   8-bit Proprietary Microcontroller
MB89P857 FUJITSU-MB89P857 Datasheet
684Kb / 51P
   8-bit Proprietary Microcontroller
MB89P857 FUJITSU-MB89P857 Datasheet
633Kb / 48P
   488-bit Proprietary Microcontroller
MB89P857P-SH FUJITSU-MB89P857P-SH Datasheet
731Kb / 51P
   8-bit Proprietary Microcontroller
MB89P857P-SH FUJITSU-MB89P857P-SH Datasheet
684Kb / 51P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P857

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com