Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89665RPF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89665RPF
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89665RPF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89665RPF Datasheet HTML 7Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 8Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 9Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 10Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 11Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 12Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 13Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 14Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
MB89660R Series
s HANDLING DEVICES
1. Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins
other than medium- and high-voltage pins or if higher than the voltage which shows on “1. Absolute Maximum
Ratings” in section “ s Electrical Characteristics” is applied between VCC and VSS.
When latchup occurs, power supply current increases rapidly and might thermally damage elements. When
using, take great care not to exceed the absolute maximum ratings.
Also take care to prevent the analog power supply (AVCC and AVR) and analog input from exceeding the digital
power supply (VCC) when the analog system power supply is turned on and off.
2. Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions. They should be connected to a pull-up or pull-down
resistor.
3. Treatment of Power Supply Pins on Microcontrollers with A/D Converters
Connect to be AVCC = VCC and AVSS = AVR = VSS if the A/D converters are not in use.
4. Power Supply Voltage Fluctuations
Although operation is assured within the rated range of VCC power supply voltage, a rapid fluctuation of the
voltage could cause malfunctions, even if it occurs within the rated range. Stabilizing voltage supplied to the IC
is therefore important. As stabilization guidelines, it is recommended to control power so that VCC ripple
fluctuations (P-P value) will be less than 10% of the standard VCC value at the commercial frequency(50 to 60
Hz) and the transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as
when power is switched.
5. Precautions when Using an External Clock
When an external clock is used, oscillation stabilization time is required even for power-on reset (optional) and
wake-up from stop mode.


Similar Part No. - MB89665RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89665RPF FUJITSU-MB89665RPF Datasheet
602Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89665RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com