Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89665RPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89665RPF
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89665RPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89665RPF Datasheet HTML 1Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 2Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 3Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 4Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 5Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 6Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 7Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 8Page - Fujitsu Component Limited. MB89665RPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
MB89660R Series
(Continued)
• Four types of timers
8-bit PWM timer
8/16-bit timer/counter
20-bit timebase timer
• Functions that permit communications with a variety of devices
UART which permits selection of synchronous/asynchronous communications
A serial interface that permits selection of the transfer direction
• 8-bit A/D converter: 8 channels
Sense function capable of performing voltage compare operation in 5
µs at 10 MHz
Started by external input possible
• Real-time control
Input capture: 2 channels
Output compare: 2 channels
• External interrupt: 4 channels
Four channels are independent and capable of wake-up from low-power consumption modes (with an edge
detection function).
• Low power consumption (standby modes)
Stop mode (Oscillation stops to minimize the current consumption.)
Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
Hardware standby mode (Wake-up from this mode and activation by pin input only.)


Similar Part No. - MB89665RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89665RPF FUJITSU-MB89665RPF Datasheet
602Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89665RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com