Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801C-1-P-A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS2801C-1-P-A
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-1-P-A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS2801C-1-P-A Datasheet HTML 3Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 4Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 5Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 6Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 7Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 8Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 9Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 10Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 7 of 12
Jan 9, 2013
100
10
1
0.1
10
100
1 000
10 000
tf
tr
td
ts
IC = 2 mA, VCC = 5 V,
CTR = 228%
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
–75
25
0
25
75
50
100
Ambient Temperature TA
(
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
CTR = 250%
80%
400
300
200
100
0
0.01
0.1
1
10
100
VCE = 5 V,
n = 3
Forward Current IF
(mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Sample A
B
C
0.1
1
10
100
1 000
RL = 1 k
Ω
300
Ω
100
Ω
IF = 5 mA,
VCE = 5 V
5
0
5
10
15
20
25
FREQUENCY RESPONSE
Frequency f (kHz)
1 000
100
10
1
1
10
100
td
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 228%
tr
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2801C-1-P-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-1-F3 CEL-PS2801C-1-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-F3 RENESAS-PS2801C-1-F3 Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801C-1-F3 RENESAS-PS2801C-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-1-F4 CEL-PS2801C-1-F4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results

Similar Description - PS2801C-1-P-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com