Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89154APFM Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89154APFM
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89154APFM Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89154APFM Datasheet HTML 1Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 2Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 3Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 4Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 5Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 6Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 7Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 8Page - Fujitsu Component Limited. MB89154APFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
MB89150/150A Series
(Continued)
• Buzzer output
• Watch prescaler (15 bits)
• External interrupts (wake-up function)
Four independent channels with edge detection function plus eight level-interrupt channels
s PRODUCT LINEUP
(Continued)
MB89152/A MB89153/A MB89154/A MB89155/A MB89P155 MB89PV150
Classification
Mass production products
(mask ROM products)
One-time
PROM
product
Piggyback/
evaluation
product (for
evaluation and
development)
ROM size
4 K
× 8 bits
(internal
mask ROM)
6 K
× 8 bits
(internal
mask ROM)
8 K
× 8 bits
(internal
mask ROM)
12 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal
PROM,
programming
with general-
purpose
EPROM
programmer)
32 K
× 8 bits
(external
ROM)
RAM size
128
× 8 bits
256
× 8 bits
512
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.95
µs/4.2 MHz
Interrupt processing time:
8.57
µs/4.2 MHz
Ports
I/O port (N-ch open-drain):
8 (6 ports also serve as peripherals, 3 ports
are a high-current drive type.)
Output port (N-ch open-drain): 18 (16 ports also serve as segment pins, 2 ports
serve as boost capacitor connection pins.)*1
I/O port (CMOS):
16 (12 ports also serve as an external interrupt.)
Output port (CMOS):
1 (Also serves as a remote control.)
Total:
43 (max.)
Timer/counter
8-bit timer counter
× 2 channel or 16-bit event counter × 1 channel
8-bit serial I/O
8 bits
LSB first/MSB first selectability
LCD controller/
driver
Common output:
4
Segment output:
32 (max.)*1
Bias power supply pins:
4
LCD display RAM size:
36
× 4 bits
Booster for LCD driving:
Built-in*1
Dividing resistor for LCD driving:
Built-in (an external resistor selectability)
No reference
voltage
generator
and booster
for LCD
driving
External
interrupts
(wake-up function)
4 (edge selectability)
8 (level interrupt only)
Buzzer output
1 (7 frequencies are selectable by the software.)
MB89151/A
Part number
Parameter


Similar Part No. - MB89154APFM

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB89101BAN MURATA-MB89101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101BBN MURATA-MB89101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CAN MURATA-MB89101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CBN MURATA-MB89101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101DAN MURATA-MB89101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB89154APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com