Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P195APF-201 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89P195APF-201
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P195APF-201 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89P195APF-201 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P195APF-201 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
MB89190/190A Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback model, verify its difference from the model that will actually be used.
Take particular care on the following points:
• On the MB89191/191A, addresses 0140H to 0180H cannot be used for register banks.
• The stack area, etc., is set in the upper limit of the RAM.
2. Current Consumption
• In the case of MB89PV190/PV190A, added is the current consumed by the EPROM which is connected to
the top socket.
• When operated at low speed, the products with an OTPROM (EPROM) will consume more current than the
products with a mask ROM.
However, the same is current consumption in the sleep/stop mode. (For more information, see “s Electrical
Characteristics.”)
3. Mask Options
Functions that can be selected as options and how to designate these options vary with product.
Before using options, check “s Mask Options.”
Take particular care on the following points:
• Pull-up resistor optional cannot be set for P00 to P03, and P40 to P45 on the MB89191A/193A/195A/P195A.
• The power-on reset option is fixed as “enabled” for MB89P195/P195A.
• Options are fixed on the MB89PV190/PV190A.
4. MB89191AH/MB89193AH
MB89191AH/193AH are “L” level heavy output current drive type of P30 to P32 and P40 to P43 of MB89191A/
193A.Characteristics other than “L” level output of P30 to P32 and P40 to P43 are the same as MB89191A/193A.


Similar Part No. - MB89P195APF-201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P195A FUJITSU-MB89P195A Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89P195APF-201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com