Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89899 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89899
Description  8-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89899 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89899 Datasheet HTML 2Page - Fujitsu Component Limited. MB89899 Datasheet HTML 3Page - Fujitsu Component Limited. MB89899 Datasheet HTML 4Page - Fujitsu Component Limited. MB89899 Datasheet HTML 5Page - Fujitsu Component Limited. MB89899 Datasheet HTML 6Page - Fujitsu Component Limited. MB89899 Datasheet HTML 7Page - Fujitsu Component Limited. MB89899 Datasheet HTML 8Page - Fujitsu Component Limited. MB89899 Datasheet HTML 9Page - Fujitsu Component Limited. MB89899 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
MB89890 Series
s PIN DESCRIPTION
(Continued)
*1: FPT-100P-M06
*2: MQP-100C-P01
Pin no.
Pin name
Circuit type
Function
QFP*1, MQP*2
6X0
A
Crystal oscillator pins (8 MHz)
7X1
3X0A
B
Crystal oscillator pins (32.768 kHz)
2X1A
4MOD0
C
Operation mode select pins
Connect to VSS (GND) when using.
5MOD1
9RST
D
Reset input pin
10 to 17
P00 to P07
E
General-purpose I/O ports
18 to 25
P10 to P17
E
General-purpose I/O ports
26 to 33
P20 to P27
G
General-purpose I/O ports
39
P30/PWM
F
General-purpose I/O port
Also serves as an 8-bit PWM.
40
P31/BUZR
F
General-purpose I/O port
Also serves as a buzzer output.
41
P32/MSKI
F
General-purpose I/O port
Also serves as a modem timer.
42,
43
P33,
P34
F
General-purpose I/O ports
44,
45,
46
P35/SK1,
P36/SI1,
P37/SO1
F
General-purpose I/O ports
Also serve as an 8-bit serial I/O output 1.
34 to 38
P40 to P44
J
General-purpose I/O ports
85 to 92
P50/AN00 to
P57/AN07
H
General-purpose output ports
Also serve as an analog input.
47,
48,
49
P60/TMO1,
P61/TMO2,
P62/TCLK
F
General-purpose I/O ports
Also serve as an 8/16-bit timer.
51
P63/MSKO
F
General-purpose I/O port
Also serves as a modem output.
52
P64
F
General-purpose I/O port
53,
54,
55
P65/BSK1,
P66/BSI1,
P67/BSO1
F
General-purpose I/O ports
Also serve as a serial I/O output 1 with 1-byte buffer.
56,
57,
58
P70/SK2,
P71/SI2,
P72/SO2
I
General-purpose I/O ports
Also serve as an 8-bit serial I/O output 2.


Similar Part No. - MB89899

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89899 FUJITSU-MB89899 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
MB89899PF FUJITSU-MB89899PF Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89899

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com