Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  0.9-V to 6.5-V, Nanopower Comparator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Time (6 s/div)
C023
Output Voltage
Input Voltage
t
PLH = 40 s
V
S = 0.9 V, CL = 20 pF
Overdrive = 50 mV
Time (6 s/div)
C024
Output Voltage
Input Voltage
t
PLH = 45 s
V
S = 0.9 V, CL = 20 pF
Overdrive = 50 mV


1m
10p
100p
1n
10n
100n
Output Capacitive Load (F)
0.9-V Supply, Overdrive = 50 mV
0.9-V Supply, Overdrive = 100 mV
6.5-V Supply, Overdrive = 50 mV
6.5-V Supply, Overdrive = 100 mV
C017


1m
10p
100p
1n
10n
100n
Output Capacitive Load (F)
0.9-V Supply, Overdrive = 50 mV
0.9-V Supply, Overdrive = 100 mV
6.5-V Supply, Overdrive = 50 mV
6.5-V Supply, Overdrive = 100 mV
C018
0
20
40
60
80
100
120
140
0
100
200
300
400
Input Overdrive (mV)
Propagation Delay H-L
Propagation Delay L-H
C009
V
S = 0.9 V
V
OD = 50 mV
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
Input Overdrive (mV)
Propagation Delay H-L
Propagation Delay L-H
C008
V
S = 6.5 V
V
OD = 50 mV
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +0.9 V to +6.5 V, and input overdrive = 100 mV, unless otherwise noted.
Figure 7. PROPAGATION DELAY vs INPUT OVERDRIVE
Figure 8. PROPAGATION DELAY vs INPUT OVERDRIVE
(VS = 0.9 V)
(VS = 6.5 V)
Figure 9. PROPAGATION DELAY (tPLH) vs
Figure 10. PROPAGATION DELAY (tPHL) vs
CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 11. PROPAGATION DELAY (tPLH)
Figure 12. PROPAGATION DELAY (tPHL)
(VS = 0.9 V, Overdrive = 50 mV)
(VS = 0.9 V, Overdrive = 50 mV)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691


Similar Part No. - TLV3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3202 TI1-TLV3202 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3202 TI1-TLV3202 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV3202 TI1-TLV3202 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3202 TI1-TLV3202 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
TLV3202-Q1 TI1-TLV3202-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
More results

Similar Description - TLV3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com