Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P155PFM-202 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89P155PFM-202
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P155PFM-202 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89P155PFM-202 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P155PFM-202 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
MB89150/150A Series
(Continued)
*1: Selected by the mask option. See section “s Mask Options.”
*2: Varies with conditions such as the operating frequency and the connected ICE. (See section “s Electrical
Characteristics.”)
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89152/A MB89153/A MB89154/A MB89155/A MB89P155 MB89PV150
Remote control
transmission
output
1 (Pulse width and cycle are software selectable.)
Standby modes
Sleep mode, stop mode, and watch mode
Process
CMOS
Operating voltage*2
2.2 V to 6.0 V (single clock)/2.2 V to 4.0 V (dual clock)
2.7 V to 6.0 V
EPROM for use
MBM27C256A
-20TV (LCC
package)
Package
MB89151/A
MB89152/A
MB89153/A
MB89154/A
MB89155/A
MB89P155
MB89PV150
FPT-80P-M06
×
FPT-80P-M11
×
FPT-80P-M05
×
MQP-80C-P01
××
MB89151/A
Part number
Parameter


Similar Part No. - MB89P155PFM-202

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P131 FUJITSU-MB89P131 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P131 FUJITSU-MB89P131 Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
MB89P131 FUJITSU-MB89P131 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
MB89P131-101 FUJITSU-MB89P131-101 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P155PFM-202

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com