Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89182PFV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89182PFV
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89182PFV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89182PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89182PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DS07-12404-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89180 Series
MB89181/182/183/P185/PV180
s DESCRIPTION
The MB89180 series has been developed as a general-purpose version of the F2MC*-8L family consisting of
proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as
dual-clock control system, five operating speed control stages, timers, a serial interface, a remote control
transmission output, external interrupts, an LCD controller/driver, and a watch prescaler.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
•F2MC-8L family CPU core
• Dual-clock control system
• High speed operation at low voltage
• Minimum execution time: 0.95
µs/2.7 V, 1.33 µs/2.2 V
• I/O ports: max. 64 channels
• 21-bit time-base timer
• 8/16-bit timer/counter: 1 channel (8 bits
× 2 channels)
• 8-bit serial I/O: 1 channel
• LCD controller/driver: max. 32 segments outputs
× 4 commons
(Continued)
s PACKAGE
(FPT-64P-M06)
(FPT-64P-M09)
(MQP-64C-P01)
64-pin Plastic QFP
64-pin Plastic QFP
64-pin Ceramic MQFP
(FPT-64P-M03)
64-pin Plastic SQFP


Similar Part No. - MB89182PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89182PFV FUJITSU-MB89182PFV Datasheet
317Kb / 50P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89182PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com