Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3325 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3325
Description  2.2-V to 36-V, microPower Comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3325 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3325 Datasheet HTML 2Page - Texas Instruments REF3325 Datasheet HTML 3Page - Texas Instruments REF3325 Datasheet HTML 4Page - Texas Instruments REF3325 Datasheet HTML 5Page - Texas Instruments REF3325 Datasheet HTML 6Page - Texas Instruments REF3325 Datasheet HTML 7Page - Texas Instruments REF3325 Datasheet HTML 8Page - Texas Instruments REF3325 Datasheet HTML 9Page - Texas Instruments REF3325 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0
5
10
15
20
25
30
0
6
12
18
24
30
36
Supply Voltage (V)
C002
V
S = 2.2 V
Sink Current
0
5
10
15
20
25
30
Offset Voltage (mV)
C019
V
S = ±18 V
Distribution Taken from 2524 Comparators
0
5
10
15
20
25
30
35
Offset Voltage (mV)
C019
V
S = 2.2 V
Distribution Taken from 2524 Comparators
Time (300 ns/div)
C014
Output Voltage
Input Voltage
t
pLH = 837 ns
V
S = 2.2 V, Overdrive = 100 mV
Time (150 ns/div)
C013
Output Voltage
Input Voltage
t
pLH = 482 ns
V
S = 2.2 V, Overdrive = 100 mV
TLV1701
TLV1702
TLV1704
SBOS589 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, RPULL-UP = 5.1 kΩ, and input overdrive = 100 mV, unless otherwise noted.
Figure 13. PROPAGATION DELAY (tpLH)
Figure 14. PROPAGATION DELAY (tpHL)
(VS = 2.2 V, Overdrive = 100 mV)
(VS = 2.2 V, Overdrive = 100 mV)
Figure 15. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 16. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
(VS = ±18 V)
(VS = 2.2 V)
Figure 17. SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - REF3325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3325 TI-REF3325 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3325 TI1-REF3325 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
REF3325 TI1-REF3325 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3325 TI1-REF3325 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
[Old version datasheet]   DRIFT VOLTAGE REFERENCE
More results

Similar Description - REF3325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com