Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZU51ADG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PZU51ADG
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU51ADG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PZU51ADG Datasheet HTML 2Page - NXP Semiconductors PZU51ADG Datasheet HTML 3Page - NXP Semiconductors PZU51ADG Datasheet HTML 4Page - NXP Semiconductors PZU51ADG Datasheet HTML 5Page - NXP Semiconductors PZU51ADG Datasheet HTML 6Page - NXP Semiconductors PZU51ADG Datasheet HTML 7Page - NXP Semiconductors PZU51ADG Datasheet HTML 8Page - NXP Semiconductors PZU51ADG Datasheet HTML 9Page - NXP Semiconductors PZU51ADG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
6 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
Table 9.
Characteristics per type; PZU6.2BA to PZU36BA and PZU6.2BA/DG to PZU36BA/DG
Tj =25 °C unless otherwise specified.
PZUxBA
Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Typ
Max
Max
6.2
B
5.86
6.53
80
30
500
3
2.7
250
5.5
B1
5.86
6.12
B2
6.06
6.33
B3
6.26
6.53
6.8
B
6.47
7.14
60
20
500
3.5
3.4
215
5.5
B1
6.47
6.73
B2
6.65
6.93
B3
6.86
7.14
7.5
B
7.06
7.84
60
10
500
4
4.0
170
3.5
B1
7.06
7.36
B2
7.28
7.60
B3
7.52
7.84
8.2
B
7.76
8.64
60
10
500
5
4.6
150
3.5
B1
7.76
8.1
B2
8.02
8.36
B3
8.28
8.64
9.1
B
8.56
9.55
60
10
500
6
5.5
120
3.5
B1
8.56
8.93
B2
8.85
9.23
B3
9.15
9.55
10
B
9.45
10.55 60
10
100
7
6.4
110
3.5
B1
9.45
9.87
B2
9.77
10.21
B3
10.11 10.55
11
B
10.44 11.56 60
10
100
8
7.4
108
3
B1
10.44 10.88
B2
10.76 11.22
B3
11.1
11.56
12
B
11.42 12.6
80
10
100
9
8.4
105
3
B1
11.42 11.9
B2
11.74 12.24
B3
12.08 12.6
13
B
12.47 13.96 80
10
100
10
9.4
103
2.5
B1
12.47 13.03
B2
12.91 13.49
B3
13.37 13.96


Similar Part No. - PZU51ADG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZU5.1 NEXPERIA-PZU5.1 Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
PZU5.1A NEXPERIA-PZU5.1A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU5.1A-Q NEXPERIA-PZU5.1A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU5.1A/DG NEXPERIA-PZU5.1A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
logo
NXP Semiconductors
PZU5.1B PHILIPS-PZU5.1B Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
More results

Similar Description - PZU51ADG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com