Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZU51ADG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PZU51ADG
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU51ADG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PZU51ADG Datasheet HTML 6Page - NXP Semiconductors PZU51ADG Datasheet HTML 7Page - NXP Semiconductors PZU51ADG Datasheet HTML 8Page - NXP Semiconductors PZU51ADG Datasheet HTML 9Page - NXP Semiconductors PZU51ADG Datasheet HTML 10Page - NXP Semiconductors PZU51ADG Datasheet HTML 11Page - NXP Semiconductors PZU51ADG Datasheet HTML 12Page - NXP Semiconductors PZU51ADG Datasheet HTML 13Page - NXP Semiconductors PZU51ADG Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
10 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 8.
Package outline SOD323 (SC-76)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PZU2.4BA to
PZU36BA
SOD323
4 mm pitch, 8 mm tape and reel
-115
-135
PZU2.4BA/DG to
PZU36BA/DG


Similar Part No. - PZU51ADG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZU5.1 NEXPERIA-PZU5.1 Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
PZU5.1A NEXPERIA-PZU5.1A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU5.1A-Q NEXPERIA-PZU5.1A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU5.1A/DG NEXPERIA-PZU5.1A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
logo
NXP Semiconductors
PZU5.1B PHILIPS-PZU5.1B Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
More results

Similar Description - PZU51ADG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com