Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL25725 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TSL25725
Description  LIGHT-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25725 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TSL25725 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 13Page - List of Unclassifed Manufacturers TSL25725 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
System State Machine Timing
The system state machine shown in Figure 6 provides an overview of the states and state transitions that
provide system control of the device. This section highlights the programmable features, which affect the state
machine cycle time, and provides details to determine system level timing.
When the power management feature is enabled (WEN), the state machine will transition in turn to the Wait
state. The wait time is determined by WLONG, which extends normal operation by 12
× when asserted, and
WTIME. The formula to determine the wait time is given in the box associated with the Wait state in Figure 9.
When the ALS feature is enabled (AEN), the state machine will transition through the ALS Init and ALS ADC
states. The ALS Init state takes 2.73 ms, while the ALS ADC time is dependent on the integration time (ATIME).
The formula to determine ALS ADC time is given in the associated box in Figure 9. If an interrupt is generated
as a result of the ALS cycle, it will be asserted at the end of the ALS ADC state and transition to the Sleep state
if SAI is enabled.
Wait
Sleep
Idle
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.73 ms/step
32.8 ms/step
Range:
2.73 ms ~ 699 ms
32.8 ms ~ 8.39s
Time: 2.73 ms
ATIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
INT & SAI
!PON
I2C Start
Note: PON, WEN, AEN, and SAI are fields in the Enable register (0x00).
ALS
Init
WEN
& AEN
ALS
ADC
!WEN
& AEN
Figure 9. Detailed State Diagram


Similar Part No. - TSL25725

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TSL2572 OSRAM-TSL2572 Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
TSL25721 OSRAM-TSL25721 Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
TSL25721FN OSRAM-TSL25721FN Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
TSL25723 OSRAM-TSL25723 Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
More results

Similar Description - TSL25725

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
   LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2580 AMSCO-TSL2580 Datasheet
772Kb / 35P
   LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com