Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560-12.0M-3EN-T0220 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 560-12.0M-3EN-T0220
Description  HCMOS / TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

560-12.0M-3EN-T0220 Datasheet(HTML) 2 Page - Oscilent Corporation

  560-12.0M-3EN-T0220 Datasheet HTML 1Page - Oscilent Corporation 560-12.0M-3EN-T0220 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#2
CASE GND
#3
OUTPUT
#4
VDD
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pulling Range
Linearity
560
- 12.0 M
- 3
E
N
- T
P1
20
Oscilent
VCXO
Enter your desired
frequency e.g.
12.0M for
12.000MHz
5 = 5VDC
3 = 3.3VDC
D = ±100 PPM
E = ±50 PPM
F = ±25 PPM
G = ±20 PPM
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = 50±5%
P1 = 50PPM
P2 = 100PPM
P3 = 150PPM
20 = 20%
10 = 10%
05 = 5%
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 560
Page 2 of 2
Oscilent Corporation | 560 Series VCXO - Voltage Control Crystal Oscillator


Similar Part No. - 560-12.0M-3EN-T0220

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
560-12.0M-3EN-TP110 OSCILENT-560-12.0M-3EN-TP110 Datasheet
134Kb / 2P
   HCMOS / TTL
560-12.0M-3EN-TP120 OSCILENT-560-12.0M-3EN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
560-12.0M-3EN-TP210 OSCILENT-560-12.0M-3EN-TP210 Datasheet
134Kb / 2P
   HCMOS / TTL
560-12.0M-3EN-TP220 OSCILENT-560-12.0M-3EN-TP220 Datasheet
134Kb / 2P
   HCMOS / TTL
560-12.0M-3EN-TP310 OSCILENT-560-12.0M-3EN-TP310 Datasheet
134Kb / 2P
   HCMOS / TTL
More results

Similar Description - 560-12.0M-3EN-T0220

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
551-12.0M-3DN-TP1 OSCILENT-551-12.0M-3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
logo
List of Unclassifed Man...
IQVCXO-161 ETC2-IQVCXO-161 Datasheet
50Kb / 2P
   HCMOS/TTL
logo
Oscilent Corporation
566-12.0M-3DN-TP1 OSCILENT-566-12.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Crystek Corporation
C32XX CRYSTEKCRYSTAL-C32XX_15 Datasheet
71Kb / 2P
   HCMOS/TTL
logo
Oscilent Corporation
560-12.0M-3DN-TP120 OSCILENT-560-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
551 OSCILENT-551 Datasheet
132Kb / 2P
   HCMOS / TTL
566 OSCILENT-566 Datasheet
134Kb / 2P
   HCMOS / TTL
554-12.0M-3DN-TP120 OSCILENT-554-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com