Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP202
Description  Gigabit 2 횞 2 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP202 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP202 Datasheet HTML 1Page - Texas Instruments SN65LVCP202 Datasheet HTML 2Page - Texas Instruments SN65LVCP202 Datasheet HTML 3Page - Texas Instruments SN65LVCP202 Datasheet HTML 4Page - Texas Instruments SN65LVCP202 Datasheet HTML 5Page - Texas Instruments SN65LVCP202 Datasheet HTML 6Page - Texas Instruments SN65LVCP202 Datasheet HTML 7Page - Texas Instruments SN65LVCP202 Datasheet HTML 8Page - Texas Instruments SN65LVCP202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Gain
Stage
+EQ
RBBDC
VBB
Self-BiasingNetwork
Line-EndTermination
VCC
VCC
ESD
IN+
IN–
RT(SE)
=50 W
RT(SE)
=50 W
VOCM
OUT–
OUT+
49.9 W
49.9 W
1pF
SN65LVCP202
www.ti.com ................................................................................................................................................................................................... SLLS914 – MARCH 2009
Figure 1. Equivalent Input Circuit Design
Figure 2. Common-Mode Output Voltage Test Circuit
Table 1. CROSSPOINT LOGIC TABLE
OUTPUT CHANNEL 1 (1Y/1Z)
OUTPUT CHANNEL 2 (2Y/2Z)
CONTROL
INPUT
CONTROL
INPUT
PINS, S1x
SELECTED
PINS, S2x
SELECTED
0
1A/1B
0
1A/1B
1
2A/2B
1
2A/2B
AVAILABLE OPTIONS
PACKAGED DEVICE(1)(2)
TA
DESCRIPTION
RGE (24-Pin) (Orderable)
–40°C to 85°C
Serial multiplexer
SN65LVCP202RGE
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., SN65LVCP202RGER).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVCP202


Similar Part No. - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202RGER TI1-SN65LVCP202RGER Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202RGET TI1-SN65LVCP202RGET Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A Datasheet
573Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com