Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP202
Description  Gigabit 2 횞 2 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP202 Datasheet HTML 2Page - Texas Instruments SN65LVCP202 Datasheet HTML 3Page - Texas Instruments SN65LVCP202 Datasheet HTML 4Page - Texas Instruments SN65LVCP202 Datasheet HTML 5Page - Texas Instruments SN65LVCP202 Datasheet HTML 6Page - Texas Instruments SN65LVCP202 Datasheet HTML 7Page - Texas Instruments SN65LVCP202 Datasheet HTML 8Page - Texas Instruments SN65LVCP202 Datasheet HTML 9Page - Texas Instruments SN65LVCP202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
V
ODB(PP)
V
ODPE(PP)
SWITCHING CHARACTERISTICS
SN65LVCP202
SLLS914 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Output preemphasis voltage
Px2:Px1 = 00
0
ratio,
Px2:Px1 = 01
3
RL = 100 Ω ±1%;
V(PE)
x = Channel 1 or 2;
dB
Px2:Px1 = 10
6
See Figure 3
Px2:Px1= 11
9
Output preemphasis is set to 9 dB during test;
Preemphasis duration
Pxx = 1;
t(PRE)
175
ps
measurement
Measured with a 100-MHz clock signal;
RL = 100 Ω ±1%, See Figure 4
Differential on-chip termination between OUT+ and
RO
Output resistance
100
OUT–
CONTROL INPUTS
IIH
High-level input current
VIN = VCC
5
µA
IIL
Low-level input current
VIN = GND
–125
–90
µA
R(PU)
Pullup resistance
35
k
POWER CONSUMPTION
PD
Device power dissipation
All outputs terminated 100
290
414
mW
Device power dissipation in
PZ
All outputs in high-impedance state
331
mW
high-impedance state
All outputs terminated 100
Ω;
ICC
Device current consumption
115
mA
PRBS 27 – 1 pattern at 2.5 Gbps
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
MULTIPLEXER
t(SM)
Multiplexer switch time
Multiplexer to valid output
3
6
ns
DIFFERENTIAL OUTPUTS
Low-to-high propagation
tPLH
0.5
0.7
ns
delay
Propagation delay, input to output
See Figure 6
High-to-low propagation
tPHL
0.5
0.7
ns
delay
tr
Rise time
110
ps
20% to 80% of VO(DB); test pattern: 100-MHz clock signal;
See Figure 5 and Figure 8
tf
Fall time
110
ps
tsk(p)
Pulse skew, | tPHL – tPLH |
(2)
20
ps
tsk(o)
Output skew(3)
All outputs terminated with 100
25
100
ps
tsk(pp)
Part-to-part skew(4)
300
ps
Switching time, hi-Z to
tzd
Assumes 50
Ω to Vcm and 150-pF load on each output
20
ns
disable
Switching time, hi-Z to
tze
Assumes 50
Ω to Vcm and 150-pF load on each output
10
ns
enable
See Figure 8 for test circuit.
RJ
Device random jitter, rms
BERT setting 10–15
0.8
2
ps-rms
Alternating 10-pattern.
(1)
All typical values are at 25°C and with 3.3-V supply unless otherwise noted.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(o) is the magnitude of the time difference between the tPLH and tPHL of any two outputs of a single device.
(4)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP202


Similar Part No. - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202RGER TI1-SN65LVCP202RGER Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202RGET TI1-SN65LVCP202RGET Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A Datasheet
573Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com