Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6207 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6207
Description  Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6207 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6207 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6207 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6207 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input Round Body Black Anodized Aluminum Heatsink from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input Round Body Black
Anodized Aluminum Heatsink
PE6207
URL: http://www.pasternack.com/25-watts-tnc-male-rf-load-up-to-18-ghz-pe6207-p.aspx
PE6207
PE6207 REV 1.1
Medium Power 25 Watts RF Load Up To 18 GHz With TNC
Male Input Round Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
   75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200 Datasheet
774Kb / 3P
   75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
   75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6201 PASTERNACK-PE6201 Datasheet
207Kb / 2P
   1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
   75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
More results

Similar Description - PE6207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6208 PASTERNACK-PE6208 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz With TNC female Input
PE6205 PASTERNACK-PE6205 Datasheet
250Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz With N Male INPUT
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6206 PASTERNACK-PE6206 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz With N Female input
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
   Medium Power 25 Watts RF Load Up To 3 GHz With
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
   Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com