Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV670ACF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89PV670ACF
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV670ACF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89PV670ACF Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 13Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 14Page - Fujitsu Component Limited. MB89PV670ACF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
MB89670R/670AR Series
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
MQFP*3
47
49
P47/EC
E
General-purpose I/O port
Also serves as the input for the16-bit timer/counter.
The EC input is of a hysteresis input type.
74 to 67
76 to 69
P50/AN0 to
P57/AN7
I
N-ch open-drain output ports
Also serve as the analog inputs for the 10-bit A/D
converter.
66
68
P60/INT0/
ADST
J
General-purpose input port
The software pull-up resistor is provided.
Also serves as an external interrupt input (INT0) and an
10-bit A/D converter external start-up.
This port is of a hysteresis input type.
65 to 59
67 to 61
P61/INT1 to
P67/INT7
J
General-purpose input ports
A software pull-up resistor is provided.
Also serve as external interrupt inputs (INT1 to INT7).
These ports are of a hysteresis input type.
4
6
P70/BZ1
G
N-ch open-drain I/O port
Also serves as a buzzer output.
3
5
P71/UCK
K
N-ch open-drain I/O port
Also serves as a UART clock I/O (UCK), switchable to
CMOS.
2
4
P72/UO
K
N-ch open-drain I/O port
Also serves as a UART data output (UO), switchable to
CMOS.
1
3
P73/UI
G
N-ch open-drain I/O port
Also serves as a UART data input (UI).
80
2
P74/SCK
K
N-ch open-drain I/O port
Also serves as the clock I/O (SCK) for the 8-bit serial I/O,
switchable to CMOS.
79
1
P75/SO
K
N-ch open-drain I/O port
Also serves as the data output (SO) for the 8-bit serial
I/O, switchable to CMOS.
78
80
P76/SI
G
N-ch open-drain I/O port
Also serves as the data input (SI) for the 8-bit serial I/O.
8 to 5,
57,
58
10 to 7,
59,
60
P80 to P83,
P85,
P84
H
N-ch open-drain output ports
53
55
VCC
Power supply pin
13,
56
15,
58
VSS
Power supply (GND) pin
75
77
AVCC
A/D converter power supply pin
Use this pin at the same voltage as VCC.
76
78
AVR
A/D converter reference voltage input pin
77
79
AVSS
A/D converter power supply pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89PV670ACF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV670ACF FUJITSU-MB89PV670ACF Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV670ACF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com