Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV950CF Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89PV950CF
Description  8-bit Proprietary Microcontroller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV950CF Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89PV950CF Datasheet HTML 3Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV950CF Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MB89950 Series
7
s PIN DESCRIPTION
(Continued)
*1: FPT-64P-M09
*2: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
22
23
X0
A
Clock oscillator pins
23
24
X1
21
22
MODA
B
Operation-mode select pin
This pin is connected directly to VSS with pull down resistor.
19
20
RST
C
Reset I/O pin
This pin consists of an N-ch open-drain output with a pull-up
resistor and hysteresis input.
A Low level is put out from this pin.
A “LOW” voltage on this port generates a RESET condition
48 to 41
49 to 42
P00/SEG20
to
P07/SEG27
D
N-channel open-drain type general-purpose I/O ports
Also serve as LCDC controller segment outputs.
Switching between port output and segment output is
performed by the mask option every 8 bits.
40 to 33
41 to 34
P10/SEG28
to
P17/SEG35
D
N-channel open-drain type general-purpose I/O ports
Also serve as LCDC controller segment outputs.
Switching between port output and segment output is
performed by the mask option.
32 to 27
33 to 28
P20/SEG36
to
P25/SEG41
D
N-channel open-drain type general-purpose I/O ports
Also serve as LCDC controller segment outputs.
Switching between port output and segment output is
performed by the mask option.
14 to 11
15 to 12
P30 to P31
F
N-channel open-drain type general-purpose I/O ports
12 to 11
13 to 12
P32/V1 to
P33/V2
D
N-channel open-drain type general-purpose I/O ports
Also serve as LCDC controller power supply.
15
16
P40
E
General-purpose I/O port
A pull-up resistor option is provided.
16
17
P41/PWM
E
General-purpose I/O port
Serves as PWM timer toggle output (PWM).
A pull-up resistor option is provided.
17
18
P42/PWC/INT1
E
General-purpose I/O port
Also serves as pulse-width count timer input (PWC) and
external interrupt input (INT1)
The PWC and INT1 inputs are of a hysteresis type.
A pull-up resistor option is provided.
18
19
P43/SI
E
General-purpose I/O port
Also serves as serial I/O and UART data input (SI) The SI
input is of a hysteresis type.
A pull-up resistor option is provided.
20
21
P44/SO
E
General-purpose I/O port
Also serves as serial I/O and UART data output (SO).
A pull-up resistor option is provided.


Similar Part No. - MB89PV950CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV910 FUJITSU-MB89PV910 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89PV910C-101-ES-SH FUJITSU-MB89PV910C-101-ES-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89PV910C-102-ES-SH FUJITSU-MB89PV910C-102-ES-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89PV920 FUJITSU-MB89PV920 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89PV920 FUJITSU-MB89PV920 Datasheet
606Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV950CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com