Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90223 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90223
Description  16-bit Proprietary Microcontroller
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90223 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90223 Datasheet HTML 6Page - Fujitsu Component Limited. MB90223 Datasheet HTML 7Page - Fujitsu Component Limited. MB90223 Datasheet HTML 8Page - Fujitsu Component Limited. MB90223 Datasheet HTML 9Page - Fujitsu Component Limited. MB90223 Datasheet HTML 10Page - Fujitsu Component Limited. MB90223 Datasheet HTML 11Page - Fujitsu Component Limited. MB90223 Datasheet HTML 12Page - Fujitsu Component Limited. MB90223 Datasheet HTML 13Page - Fujitsu Component Limited. MB90223 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
MB90220 Series
10
* : FPT-120P-M03, FPT-120C-C02
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*
62
INT2
B
DTP/External interrupt request input pin
When DTP/external interrupts are enabled, these inputs may be used
suddenly at any time; therefore, it is necessary to stop output by other
functions on these pins, except when using them for output
deliberately.
When these pins are open in input mode, through current may leak in
stop mode/reset mode, be sure to fix these pins to VCC/VSS level to
use these pins in input mode.
ATG
10-bit A/D converter external trigger input pin
When these pins are open in input mode, through current may leak in
stop mode/reset mode, be sure to fix these pins to VCC/VSS level to
use these pins in input mode.
64
PB0
C
General-purpose I/O port
This function is valid when the UART0 (ch.0) serial data output
specification is “disabled”.
SOD0
UART0 (ch.0) serial data output
This function is valid when the UART0 (ch.0) serial data output
specification is “enabled”.
65
PB1
C
General-purpose I/O port
This function is always valid.
SID0
UART0 (ch.0) serial data input pin
During UART0 (ch.0) input operations, this input may be used
suddenly at any time; therefore, it is necessary to stop output by other
functions on this pin, except when using it for output deliberately.
66
PB2
C
General-purpose output port
This function is valid when the UART0 (ch.0) clock output
specification is “disabled”.
SCK0
UART0 (ch.0) clock output pin
The clock output function is valid when the UART0 (ch.0) clock output
specification is “enabled”.
UART0 (ch.0) external clock input pin. This function is valid when the
port is in input mode and the UART0 (ch.0) specification is external
clock mode.
67
PB3
C
General-purpose I/O port
This function is valid when the UART0 (ch.1) serial data output
specification is “disabled”.
SOD1
UART0 (ch.1) serial data output pin
This function is valid when the UART0 (ch.1) serial data output
specification is “enabled”.
68
PB4
C
General-purpose I/O port
This function is always valid.
SID1
UART0 (ch.1) serial data input pin
During UART0 (ch.1) input operations, this input may be used
suddenly at any time; therefore, it is necessary to stop output by other
functions on this pin, except when using it for output deliberately.


Similar Part No. - MB90223

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90214 FUJITSU-MB90214 Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90214PF FUJITSU-MB90214PF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90233 FUJITSU-MB90233 Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
MB90233PFV FUJITSU-MB90233PFV Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
MB90234PFV FUJITSU-MB90234PFV Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90223

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com