Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB8995X Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB8995X
Description  8-bit Proprietary Microcontroller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB8995X Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB8995X Datasheet HTML 1Page - Fujitsu Component Limited. MB8995X Datasheet HTML 2Page - Fujitsu Component Limited. MB8995X Datasheet HTML 3Page - Fujitsu Component Limited. MB8995X Datasheet HTML 4Page - Fujitsu Component Limited. MB8995X Datasheet HTML 5Page - Fujitsu Component Limited. MB8995X Datasheet HTML 6Page - Fujitsu Component Limited. MB8995X Datasheet HTML 7Page - Fujitsu Component Limited. MB8995X Datasheet HTML 8Page - Fujitsu Component Limited. MB8995X Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS07-12529-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89950 Series
MB89951/953/P955/PV950
s OUTLINE
The MB89950 series of single-chip compact microcontroller using the F2MC*-8L family core which can operate
at high-speeds and low voltages. They contain peripherals such as timers, UART, serial interfaces, external
interrupts and a 168-pixel LCD controller/driver. It is best suited for use in LCD panels.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
• Minimum instruction execution time: 0.8
µs at 5 MHz
•F2MC-8L family CPU core
(Continued)
s PACKAGE
Multiplication and division instructions
16-bit arithmetic operation
Instruction test and branch instruction
Bit manipulation instruction, etc.
Instruction system most suited to controllers
64-pin Plastic QFP
(FPT-64P-M09)
64-pin Ceramic MQFP
(MQP-64C-P01)


Similar Part No. - MB8995X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89913P-SH FUJITSU-MB89913P-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89913PF FUJITSU-MB89913PF Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89915 FUJITSU-MB89915 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89915P-SH FUJITSU-MB89915P-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB8995X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com