Electronic Components Datasheet Search |
|
MB90P214B Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90P214B Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 100 page MB90210 Series 8 * : FPT-80P-M06, FPT-80C-C02 (Continued) Pin no. Pin name Circuit type Function QFP* 13 P31 E General-purpose I/O port This port is available in the single-chip mode or when the middle address control register setting is “port”, with the 8-bit PPG output is disabled. A09 Output pin for external address bus A09 This pin is available in an external-bus mode and when the middle address control register setting is “address.” PPG PPG timer output pin This pin is available when the PPG operation mode control register specification is the PPG output pin. 14 to 17 P32 to P35 E General-purpose I/O ports These ports are available in the single-chip mode or when the middle address control register setting is “port”, with the 16-bit reload timer 1 (ch.0 to ch.3) output is disabled. A10 to A13 Output pins for external address buses A10 to A13 These pins are available in an external-bus mode and when the middle address control register setting is “address.” TOUT0 to TOUT3 16-bit reload timer 1 (ch.0 to ch.3) output pin These pins are available when the 16-bit reload timer 1 (ch.0 to ch.3) is output operation. 18 P36 E General-purpose I/O port This port is available when the UART (ch.2) clock output is disabled either in the single-chip mode or when the middle address control register setting is “port.” A14 Output pin for external address bus A14 This pin is available when the UART (ch.2) clock output is disabled in an external-bus mode and when the middle address control register setting is “address.” SCK3 UART (ch.2) clock output pin (SCK3) This pin is available when the UART (ch.2) clock output is enabled. UART (ch.2) external clock input pin (SCK3) This pin is available when the port is in input mode and the UART (ch.2) specification is external clock mode. 19 P37 E General-purpose I/O port This port is available in the single-chip mode or when the middle address control register setting is “port.” A15 Output pin for external address bus A15 This pin is available in an external-bus mode and when middle address control register setting is “address.” SID3 UART (ch.2) serial data input pin (SID3) Since this input is used whenever the SID3 is in input operation, the output by any other function must be suspended unless the output is intentionally performed. |
Similar Part No. - MB90P214B |
|
Similar Description - MB90P214B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |