Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89193AP Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89193AP
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89193AP Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89193AP Datasheet HTML 3Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 4Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 5Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 6Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 7Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 8Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 9Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 10Page - Fujitsu Component Limited. MB89193AP Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
MB89190/190A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-28P-M17
*2: DIP-28C-M05
*3: DIP-28P-M03
*4: MQP-48C-P01
Pin no.
Pin name
Circuit
type
Function
SOP*1, DIP*2
SH-DIP*3
MQFP*4
7
31
X0
A
Clock oscillation pins
832
X1
5
29
TEST
B
Test input pin
Connect directly to VSS.
630
RST
C
Reset I/O pin
This pin consists of an N-ch open-drain output with
a pull-up resistor and of hysteresis input. A low
level is output from this pin by internal source. The
internal circuit is initialized by the input of a low
level.
24 to 27
12
13,
23,
24
P00/INT20/
AN4 to P03/
INT23/AN7
G
General-purpose I/O ports
Also serve as external interrupt input pins. In the
MB89190A series, also serve as analog input pins.
External interrupt input is of hysteresis input type.
1 to 4
25 to 28
P04/INT24 to
P07/INT27
D
General-purpose I/O ports
Also serve as external interrupt input.
External interrupt input is of hysteresis input type.
17
5
P30/SCK
D
General-purpose I/O port
Also serves as clock I/O for the 8-bit serial I/O
interface.
The serial I/O clock input is of hysteresis input type
with a built-in noise filter.
16
4
P31/SO
E
General-purpose I/O port
Also serves as a serial I/O data output pin.
15
3
P32/SI
D
General-purpose I/O port
Also serves as a serial I/O data input pin.
The serial I/O data input is of hysteresis input type
with a built-in noise filter.
14
2
P33/EC
D
General-purpose I/O port
Also serves as an external clock input pin for the 8-
bit timer/counter.
External clock input of the 8-bit timer/counter is
hysteresis input type with a built-in noise filter.
13
1
P34/TO/
INT10
D
General-purpose I/O port
Also serves as the overflow output and external
interrupt input for the 8-bit timer/counter.
External interrupt input is of hysteresis input type
with a built-in noise filter.


Similar Part No. - MB89193AP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89193A FUJITSU-MB89193A Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89193AH FUJITSU-MB89193AH Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89193AP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com