Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90W214B Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90W214B
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90W214B Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90W214B Datasheet HTML 5Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 6Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 7Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 8Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 9Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 10Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 11Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 12Page - Fujitsu Component Limited. MB90W214B Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
9
MB90210 Series
* : FPT-80P-M06, FPT-80C-C02
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*
20
P40
E
General-purpose I/O port
This port is available when the UART (ch.2) serial data output
from SOD3 is disabled either in the single-chip mode or when the
upper address control register setting is “port.”
A16
Output pin for external address bus A16
This pin is available when the UART (ch.2) serial data output
from SOD3 is disabled in an external-bus mode and when the
upper address control register setting is “address.”
SOD3
UART (ch.2) serial data output pin (SOD3)
This pin is available when the UART (ch.2) serial data output is
enabled.
21
P41
E
General-purpose I/O port
This port is available when the UART (ch.2) clock output is
disabled either in the single-chip mode or when the upper
address control register setting is “port.”
A17
Output pin for external address bus A17
This pin is available when the UART (ch.2) clock output is
disabled in an external-bus mode and when the upper address
control register setting is “address.”
SCK2
UART (ch.2) clock output pin (SCK2)
This pin is available when the UART (ch.2) clock output is
enabled.
UART (ch.2) external clock input pin (SCK2)
This pin is available when the port is in input mode and the UART
(ch.2) specification is external clock mode.
22
P42
E
General-purpose I/O port
This port is available in the single-chip mode or when the upper
address control register setting is “port.”
A18
Output pin for external address bus A18
This pin is available in an external-bus mode and when the upper
address control register setting is “address.”
SID2
UART (ch.2) serial data input pin (SID2)
Since this input is used whenever the SID2 is in input operation,
the output by any other function must be suspended unless the
output is intentionally performed.
23
P43
E
General-purpose I/O port
This port is available when the UART (ch.2) serial data output
from SOD2 is disabled either in the single-chip mode or when the
upper address control register setting is “port.”
A19
Output pin for external address bus A19
This pin is available when the UART (ch.2) serial data output
from SOD2 is disabled in an external-bus mode and when the
upper address control register setting is “address.”
SOD2
UART (ch.2) serial data output pin (SOD2)
This pin is available when the UART (ch.2) serial data output
from SOD2 is enabled.


Similar Part No. - MB90W214B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90W224A FUJITSU-MB90W224A Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90W224B FUJITSU-MB90W224B Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90W224BZF FUJITSU-MB90W224BZF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90W224ZF FUJITSU-MB90W224ZF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90W234 FUJITSU-MB90W234 Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90W214B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com