Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12040WAS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAS
Description  50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12040WAS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH12040WAS Datasheet HTML 2Page - Texas Instruments PTH12040WAS Datasheet HTML 3Page - Texas Instruments PTH12040WAS Datasheet HTML 4Page - Texas Instruments PTH12040WAS Datasheet HTML 5Page - Texas Instruments PTH12040WAS Datasheet HTML 6Page - Texas Instruments PTH12040WAS Datasheet HTML 7Page - Texas Instruments PTH12040WAS Datasheet HTML 8Page - Texas Instruments PTH12040WAS Datasheet HTML 9Page - Texas Instruments PTH12040WAS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TYPICAL CHARACTERISTICS(1)(2)
Characteristic Data (VI = 12 V)
2
4
6
8
10
12
14
IO -OutputCurrent- A
VO =5V
VO =3.3V
VO =1.8V
VO =1.2V
VO =0.8V
0
10
20
30
40
50
0
50
60
70
80
90
100
I
-OutputCurrent- A
O
0
10
20
30
40
50
VO =5V
VO =3.3V
VO =1.8V
VO =1.2V
VO =0.8V
0
40
20
10
20
30
40
50
30
70
50
60
90
80
I
O – Output Current – A
V
O = 5 V
Natural
Convection
100 LFM
200 LFM
400 LFM
20
30
40
50
60
70
80
90
400LFM
200LFM
NatConv
VO =1.2V
IO -OutputCurrent- A
0
10
20
30
40
50
100LFM
20
30
40
50
60
70
80
90
400LFM
200LFM
100LFM
NatConv
VO =3.3V
IO -OutputCurrent- A
0
10
20
30
40
50
PTH12040W
SLTS237G – DECEMBER 2004 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
EFFICIENCY
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1 and Figure 2.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4-inch x 4-inch, double-sided PCB with 1-oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 3, Figure 4, and Figure 5.
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH12040W


Similar Part No. - PTH12040WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040WAS TI-PTH12040WAS Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12040WAS ARTESYN-PTH12040WAS Datasheet
222Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12040WAS EMERSON-NETWORKPOWER-PTH12040WAS Datasheet
222Kb / 4P
   DC-DC CONVERTERS
logo
Texas Instruments
PTH12040WAST TI-PTH12040WAST Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12040WAST ARTESYN-PTH12040WAST Datasheet
222Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
More results

Similar Description - PTH12040WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTV08T250W TI-PTV08T250W Datasheet
2Mb / 30P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com