Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48540AAS Datasheet(PDF) 1 Page - Texas Instruments

Part # PTB48540AAS
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540AAS Datasheet(HTML) 1 Page - Texas Instruments

  PTB48540AAS Datasheet HTML 1Page - Texas Instruments PTB48540AAS Datasheet HTML 2Page - Texas Instruments PTB48540AAS Datasheet HTML 3Page - Texas Instruments PTB48540AAS Datasheet HTML 4Page - Texas Instruments PTB48540AAS Datasheet HTML 5Page - Texas Instruments PTB48540AAS Datasheet HTML 6Page - Texas Instruments PTB48540AAS Datasheet HTML 7Page - Texas Instruments PTB48540AAS Datasheet HTML 8Page - Texas Instruments PTB48540AAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For technical support and further information visit http://power.ti.com
Product Top View
Pin Assignments
Pin
Function
1
–Vout
2
Vout Adj
3
+Vout
4
Input Ref
5
Detect A
6
Detect B
7
Spare Line B
8
Spare Line A
9
Data Line B
10
Data Line A
11
Class B
12
Class A
13
Output Inhibit *
Shaded functions indicate signals
electrically common with the input.
* Denotes negative logic:
Open = Normal operation
Low (Input Ref) = Output Off
Description
The PTB48540 series of power mod-
ules is specifically designed to provide
an isolated, low-voltage power source to
a remote Powered Device (PD) in Power-
Over-Ethernet (PoE) applications. These
modules are rated 10 W and incorporate
all the necessary interface requirements
to comply with IEEE Std. 802.3af, for
managing the input power to the PD from
the PoE Power Sourcing Equipment
(PSE). This includes PD detection and
PD classification current signatures
required for the PSE. The modules are
compatible with PD classifications, class 0
through class 3.
In addition to a fully integrated DC/DC
converter, each PTB48540 power module
incorporates internal input diode bridges
to support both Data Line and Spare Line
pair standard Ethernet power connec-
tions, an integral transient suppressor
for input over-voltage protection, and
an EMI filter to ensure noise compat-
ibility with Ethernet data signals.
Other features include an input under-
voltage lockout (UVLO), over-current
and short-circuit protection, an output
voltage adjust/trim, and over-temperature
protection. An “Output Inhibit” control
allows the output voltage to be turned
off to support an idle condition or power
saving mode. The output voltage options
are for 3.3-V, 5-V, or 12-V output. The
target applications are small low-power
remote IP appliances, such as security card
readers and cameras, test dongles, and IP
phone consoles.
Features
Input Voltage Range:
36 V to 57 V
10 W Output
IEEE Std. 802.3af Compliant
(for PoE-PD Interface)
85 % Efficiency
Low Profile (9 mm)
Output Voltage Trim/Adjust
Under-Voltage Lockout
Input Transient Suppressor
PTB48540 Series
10-W Power-Over-Ethernet Isolated
Power Module Assembly
SLTS224B – APRIL 2004 – REVISED JULY 2004
Internal EMI Filter
Meets FCC Class B Radiated &
Class A Conducted
Output Inhibit Control
Short Circuit Protection
Over Temperature Shutdown
1500 VDC Isolation
Safety Approvals (Pending):
UL 60950, cUL 60950, EN60950
1
2
3
4
5
6
7
8
9
10
11
12
13
Spare Line A
Data Line B
Data Line A
+VOUT
VOUT Adj
–VOUT
PoE-PD
Interface Switch
(TPS2375)
EMI
Filter
Transient
Suppression
Data/Spare Line
Bridge Rectifiers
DC/DC
Converter
Spare Line B
Not Recommended for New Designs


Similar Part No. - PTB48540AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAS TI1-PTB48540AAS Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAS TI1-PTB48540AAS Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com