Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48510AAH Datasheet(PDF) 1 Page - Texas Instruments

Part # PTB48510AAH
Description  DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48510AAH Datasheet(HTML) 1 Page - Texas Instruments

  PTB48510AAH Datasheet HTML 1Page - Texas Instruments PTB48510AAH Datasheet HTML 2Page - Texas Instruments PTB48510AAH Datasheet HTML 3Page - Texas Instruments PTB48510AAH Datasheet HTML 4Page - Texas Instruments PTB48510AAH Datasheet HTML 5Page - Texas Instruments PTB48510AAH Datasheet HTML 6Page - Texas Instruments PTB48510AAH Datasheet HTML 7Page - Texas Instruments PTB48510AAH Datasheet HTML 8Page - Texas Instruments PTB48510AAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
+V
I
2
Sync In
3
Enable
4
-V
I
5
V
O1
6
V
OAdj
7
COM
8
*V
O2
PTB4851x
L
O
A
D
L
O
A
D
COM
+V
I
-V
I
I
O1
I
O2
UDG-07040
*V
O1 @ | VO2 |
*V
O2is the negative voltage.
Not Recommended for New Designs
PTB48510
PTB48511
www.ti.com
SLTS219F – FEBRUARY 2004 – REVISED MARCH 2007
DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
Check for Samples: PTB48510, PTB48511
1
FEATURES
Dual Complementary Outputs
(±5 V, ±12 V, or ±15 V)
Input Voltage Range: 36 V to 75 V
On/Off Enable for Sequencing
1500 VDC Isolation
Overcurrent Protection
Overvoltage Protection (PTB48511 only)
Over Temperature Shutdown
DESCRIPTION
Undervoltage Lockout
The PTB4851x series of isolated DC/DC converter
Temperature Range: –40°C to 85°C
modules produce a complementary pair of regulated
Industry Standard Outline
supply voltages for powering line-driver devices in
Fixed Frequency Operation
xDSL telecom applications. The modules operate
from a standard telecom (–48 V) central office (CO)
Synchronizes with PTB48500
supply and can provide up to a 72 W of power in a
Powers Line Drivers for AC-7 and Other xDSL
balanced load configuration.
Chipsets
The A-suffix module (±5 V) is designed to power the
Safety Approvals:
line driver devices for the AC-7 ADSL chipset. Other
EN 60950
voltage options powers other analog applications
UL/cUL 60950
requiring a complementary supply with relatively
balanced loads.o
STAND-ALONE APPLICATION
Both the PTB48510 and PTB48511 include an
“on/off” enable control, output current limit, over-
temperature
protection,
and
input
under-voltage
lockout
(UVLO).
The
PTB48511
adds
output
overvoltage protection (OVP).
The
control
inputs,
Enable
and
Sync
In,
are
compatible with the EN Out and Sync Out signals of
the PTB48500 DC/DC converter. This allows the
power-up and switching frequency of the PTB4851x
modules to be directly controlled from a PTB48500.
Together the PTB48500 and PTB4851xA converters
meet
all
the
system
power
and
sequencing
requirements of the AC- ADSL chipset.
The PTB4851x uses double-sided surface mount
technology contruction. The package size is based on
the industry standard outline and does not require a
heatsink. Both through-hole and surface mount pin
configurations are available.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTB48510AAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510A TI-PTB48510A Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
More results

Similar Description - PTB48510AAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com