Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48540BAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48540BAH
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540BAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTB48540BAH Datasheet HTML 5Page - Texas Instruments PTB48540BAH Datasheet HTML 6Page - Texas Instruments PTB48540BAH Datasheet HTML 7Page - Texas Instruments PTB48540BAH Datasheet HTML 8Page - Texas Instruments PTB48540BAH Datasheet HTML 9Page - Texas Instruments PTB48540BAH Datasheet HTML 10Page - Texas Instruments PTB48540BAH Datasheet HTML 11Page - Texas Instruments PTB48540BAH Datasheet HTML 12Page - Texas Instruments PTB48540BAH Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
16
15
14
1
2
3
TX1+
TX1–
TXCT
TD+
TD-
TCT
11
10
9
6
7
8
RX1+
RX1–
RXCT
RD+
RD-
RCT
5
4
12
13
N/C
N/C
1:1
1:1
PoE Interface Transformer
H2019 (Pulse Engineering)
J1
RJ-45
Ethernet
Connection
from PSE
PD
Circuitry
N/C
N/C
PTB48540B
10
Data Line B
9
Spare Line A
4
Spare Line B
8
Input Ref
7
A - Detect - B
A - Class - B
Output Inhibit
Data Line A
+V
OUT
V
OUT Adj
–V
OUT
3
2
1
5612
11
13
+3.3 V
0 V
L1
T1
T2
1
2
3
4
5
6
7
8
Figure 4-1; Power-Over-Ethernet Application Schematic
PTB48540 Series
Using the PTB48540 Series Module in a
Power-Over-Ethernet (PoE) Application
The schematic of Figure 4-1 shows an example of how a
PTB48540 module may be connected to a PoE compliant
system. The connector J1 is the input from the PoE source.
In a Power-over-Ethernet (PoE) application, the power
and high-frequency data signals share the same conductors
in the Ethernet cable. The data and power signals must
be separated using an IEEE 802.3af compliant PoE mag-
netic module.
The magnetic module incorporates the customary isola-
tion transformers, T1 and T2. The transformers each
include a center tap, across which the dc current from the
Ethernet power source equipment (PSE) is conveniently
extracted. The transmit and receive hf Ethernet data
appear as differential signals to each transformer. These
signals are isolated by the transformers, allowing the
Ethernet communication content to flow freely between
the connector and the powered device (PD) circuitry.
The common-mode inductor, L1, is a popular addition
to off-the-shelf PoE magnetic modules. The inductor
provides additional rejection to common mode noise
currents, which may otherwise be present on either the
data or power signals.
The PTB48540 module complies with the PoE protocols,
provides the required isolation, and converts the raw
power from the PSE to a precision regulated 3.3-VDC
power source for the remote PD circuitry.
Not Recommended for New Designs


Similar Part No. - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540BAH TI1-PTB48540BAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540BAH TI1-PTB48540BAH Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com