Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48540BAH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48540BAH
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540BAH Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTB48540BAH Datasheet HTML 5Page - Texas Instruments PTB48540BAH Datasheet HTML 6Page - Texas Instruments PTB48540BAH Datasheet HTML 7Page - Texas Instruments PTB48540BAH Datasheet HTML 8Page - Texas Instruments PTB48540BAH Datasheet HTML 9Page - Texas Instruments PTB48540BAH Datasheet HTML 10Page - Texas Instruments PTB48540BAH Datasheet HTML 11Page - Texas Instruments PTB48540BAH Datasheet HTML 12Page - Texas Instruments PTB48540BAH Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Jul-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PTB48540AAH
NRND
Through-
Hole Module
EUP
13
12
Pb-Free (RoHS)
SN
N / A for Pkg Type
PTB48540AAS
NRND
Surface
Mount Module
EUQ
13
12
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTB48540AAZ
NRND
Surface
Mount Module
EUQ
13
12
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
PTB48540BAH
NRND
Through-
Hole Module
EUP
13
12
Pb-Free (RoHS)
SN
N / A for Pkg Type
PTB48540BAZ
NRND
Surface
Mount Module
EUQ
13
12
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
PTB48540CAD
NRND
Through-
Hole Module
EUP
13
12
Pb-Free (RoHS)
SN
N / A for Pkg Type
PTB48540CAH
NRND
Through-
Hole Module
EUP
13
12
Pb-Free (RoHS)
SN
N / A for Pkg Type
PTB48540CAS
NRND
Surface
Mount Module
EUQ
13
12
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTB48540CAZ
NRND
Surface
Mount Module
EUQ
13
12
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540BAH TI1-PTB48540BAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540BAH TI1-PTB48540BAH Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com