Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48501 Datasheet(PDF) 6 Page - Texas Instruments

Part # PTB48501
Description  DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTB48501 Datasheet HTML 2Page - Texas Instruments PTB48501 Datasheet HTML 3Page - Texas Instruments PTB48501 Datasheet HTML 4Page - Texas Instruments PTB48501 Datasheet HTML 5Page - Texas Instruments PTB48501 Datasheet HTML 6Page - Texas Instruments PTB48501 Datasheet HTML 7Page - Texas Instruments PTB48501 Datasheet HTML 8Page - Texas Instruments PTB48501 Datasheet HTML 9Page - Texas Instruments PTB48501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
DEVICE INFORMATION
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
The positive input supply for the module with respect to –VI. When powering the module from a –48 V telecom
+VI(1)
1
central office supply, this input is connected to the primary system ground.
The negative input supply for the module, and the 0 VDC reference for the Enable, EN Out, and Sync Out
–VI
5
signals. When the module is powered from a +48-V supply, this input is connected to the 48-V Return.
VO1
10
The higher regulated power output voltage, which is referenced to the COM node.
VO2
6
The lower regulated power output voltage, which is referenced to the COM node.
The secondary return reference for the module's two regulated output voltages. It is dc isolated from the input
COM
7
supply pins.
Using a single resistor, this pin allows VO2 to be adjusted higher or lower than the preset value. If not used,
VO2 Adjust
9
this pin should be left open circuit.
This is an open-collector (open-drain) positive logic input that enables the module output. This pin is
Enable(2)
3
referenced to –VI. A logic 0 at this pin disables the module's outputs, and a high impedance enables the
outputs. If not used the pin should be left unconnected.
This open-collector output may be used to enable the output of other DC/DC converters in applications where
the power-up sequence of the related voltages must be precisely controlled. The output is used principally to
EN Out
4
control the startup up of a PTB4851xx module when powering ADSL circuits based on the AC7 chipset. The
signal is referenced to –VI, and is active low. It is initially off (high impedance), and turns on when the output
voltage, VO1, has risen to its nominal set-point voltage.
The signal generated by this pin is designed to be used exclusively with the PTB48510 in AC7 ADSL
Sync Out
2
applications. When the Sync Out of this converter is connected directly to the Sync In pin of the PTB48510,
both modules will operate at the same switch conversion frequency.
(POR: Available to PTB48500 and PTB48501 only.) This pin produces an active-low power-on reset signal that
may be used to reset logic circuitry. The output is set low during power up just as the output voltage from VO1
POR(3)/COM(4)
8
starts to rise. It remains low for 10 ms after the voltage at VO1 has reached its nominal set-point voltage. This
signal is referenced to the COM node, and has a 3.3-k
Ω internal pull-up resistor to V
O1.
(1)
Shaded functions indicate signals that are referenced to –VI.
(2)
Denotes positive logic: Open = Normal operation, –VI = Outputs Off
(3)
Denotes negative logic: High = Normal operation, Low = Reset
(4)
This pin is COM on the PTB48502.
6
Submit Documentation Feedback
PTB48500A and PTB48502A are Not Recommended for New Designs


Similar Part No. - PTB48501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48501 TI-PTB48501 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48501 TI-PTB48501 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48501 TI1-PTB48501 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48501AAH TI-PTB48501AAH Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48501AAS TI-PTB48501AAS Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com