Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48540CAS Datasheet(PDF) 6 Page - Texas Instruments

Part # PTB48540CAS
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540CAS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTB48540CAS Datasheet HTML 2Page - Texas Instruments PTB48540CAS Datasheet HTML 3Page - Texas Instruments PTB48540CAS Datasheet HTML 4Page - Texas Instruments PTB48540CAS Datasheet HTML 5Page - Texas Instruments PTB48540CAS Datasheet HTML 6Page - Texas Instruments PTB48540CAS Datasheet HTML 7Page - Texas Instruments PTB48540CAS Datasheet HTML 8Page - Texas Instruments PTB48540CAS Datasheet HTML 9Page - Texas Instruments PTB48540CAS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application Notes continued
For technical support and further information visit http://power.ti.com
D
P
s
s
a
l
Ce
g
a
s
U
)
s
t
t
a
w
(
d
n
a
m
e
D
D
P
m
a
r
g
o
r
P
s
s
a
l
C
e
c
n
a
t
s
i
s
e
R
l
a
n
r
e
t
x
E
r
o
t
s
i
s
e
R
n
i
Mx
a
M
0t
l
u
a
f
e
D4
4
.
05
9
.
2
1k
2
4
.
4
e
n
o
N
1l
a
n
o
i
t
p
O4
4
.
04
8
.
30
5
9
k
1
2
.
1
2l
a
n
o
i
t
p
O4
8
.
39
4
.
63
4
5
9
1
6
3l
a
n
o
i
t
p
O9
4
.
65
9
.
2
10
6
3
2
9
3
4d
e
w
o
l
l
A
t
o
N—
e
s
U
e
r
u
t
u
F
—2
5
2
7
6
2
Table 1-1; PD Class Programming Resistance
for the different types of PD class defined in the IEEE
802.3af Standard. The power modules support the PD
classification protocol with a default ‘Class 0’ signature.
‘Class 0’ corresponds to a 4.42-k
Ω programming resis-
tance, which is set by an internal resistor located between
the ‘Class A’ (pin 12) and ‘Class B’ (pin 11) terminals. By
placing an external resistor across the Class A/B pins (in
parallel with the internal 4.42-k
Ω resistor) the power
module can be made to communicate one of the alternate
classifications to the PSE. Consult Table 1-1 for the
external resistance values.
Under-Voltage Lockout
The UVLO prevents the internal DC/DC converter from
seeing an input voltage until the voltage applied to either
the ‘Data Line A/B’ or ‘Spare Line A/B’ pair of Ethernet
connections approaches 42 V. The UVLO threshold
correlates to a voltage between the ‘Detect B’ (pin 6) and
‘Class B’ (pin 11) terminals of approximately 39.3 V. Only
after the voltage applied from the Ethernet is above the
UVLO threshold is the module’s internal bus voltage
allowed to rise. The internal bus powers the DC/DC
converter and can be measured between the ‘Detect B’
(pin 6) and ‘Input Ref’ (pin 4) terminals.
Input Capacitance
In accordance with the IEEE 802.3af Standard, the
PTB48540 power modules provide an input capacitance
of 0.1 µF to the PSE when communicating the required
detection and classification signatures. Once fully pow-
ered (Vin ≥42 V), the PSE will see the combined input
capacitance of the EMI filter and DC/DC converter;
approximately 7 µF. This capacitance is sufficient to
operate the module’s internal DC/DC converter, and
satisfies the 5 µF minimum capacitance required by the
IEEE 802.3af Standard. For improved hold-up capability,
this input capacitance can be increased with an external
capacitor. Connect the anode of the external capacitor
to ‘Detect B’ (pin 6), and the cathode to the ‘Input Ref’
(pin 4). During power up the power interface IC limits
the inrush current for charging the input capacitance.
Additional capacitance increases the power dissipation in
the IC. For this reason the maximum recommended value
of external capacitance is 220 µF (100-V electrolytic).
Startup
Startup of the module in a PoE application consists of a
complex process of handshaking states between the module
and PSE. During the PD detection state the PSE uses a
low voltage (<10 V) to detect the module’s “valid device”
resistance signature. This is followed by the classification
detection state where the PSE applies a voltage of 15 V
to 20 V to detect the module’s PD class. The PSE con-
tinues to raise the input voltage, but the input voltage to
the internal DC/DC converter is held at zero until the
voltage from the PSE approaches 42 V. At an input voltage
of 42 V or higher, the module’s power interface IC allows
the internal bus voltage to rise using a limited amount of
inrush current. Approximately 50 ms after the DC/DC
converter input filter capacitors are fully charged, the
module is able to produce a regulated output voltage.
Converter Over-Current Protection
The internal DC/DC converter has inherent protection
against an output load fault. Whenever its load current
exceeds the over-current protection threshold (see speci-
fication table) the converter momentarily turns its output
off. After a short period (<100 ms), the regulator will
attempt to power up again by executing a soft-start power
up. The converter will continue in a successive cycle of
shutdown, followed by soft-start power up until the load
fault is removed.
When the DC/DC converter is powered from just the
Ethernet source, a load current above its rated output
(but below its over-current threshold) will likely activate
the over-current protection offered by the power interface
IC. This is especially at input voltages lower than 48 V.
Ethernet Over-Current Protection
Protection is also provided for the Ethernet power source
equipment (PSE). In event of a fault across the module’s
internal bus, the onboard power interface IC limits the
maximum current that may be drawn from the PSE to
no less than 405 mA. This prevents the DC/DC con-
verter from drawing excessive input current and also
safeguards against external faults that may occur across
the ‘Detect B’ (pin 6) and ‘Input Ref’ (pin 4) terminals.
Note: These terminals can be used to add capacitance to the
module’s internal bus.
Load faults applied to the DC/DC converter’s output
will most often trigger the power interface IC’s protec-
tion mechanism prior to activating the converter’s own
current limit threshold. In these instances the power
interface IC will completely shut down the module’s inter-
nal bus. This is a latched condition. It is reset by the PoE
source when it attempts another power-up cycle after it
senses loss of the PD’s Maintain Power Signature (10 mA).
PTB48540 Series
Not Recommended for New Designs


Similar Part No. - PTB48540CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540CAS TI1-PTB48540CAS Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540CAS TI1-PTB48540CAS Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com