Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48510CAZ Datasheet(PDF) 8 Page - Texas Instruments

Part # PTB48510CAZ
Description  DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48510CAZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTB48510CAZ Datasheet HTML 4Page - Texas Instruments PTB48510CAZ Datasheet HTML 5Page - Texas Instruments PTB48510CAZ Datasheet HTML 6Page - Texas Instruments PTB48510CAZ Datasheet HTML 7Page - Texas Instruments PTB48510CAZ Datasheet HTML 8Page - Texas Instruments PTB48510CAZ Datasheet HTML 9Page - Texas Instruments PTB48510CAZ Datasheet HTML 10Page - Texas Instruments PTB48510CAZ Datasheet HTML 11Page - Texas Instruments PTB48510CAZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20
30
40
50
60
70
80
90
(I
O1 = IO2) - Load Current - A
0
0.5
1.0
1.5
2.0
3.0
2.5
V
I = 48 VDC
Natural
Convection
100 LFM
200 LFM
400 LFM
I
O1 - Load Current - A
D VO2 with IO2 = 1 A
-400
-200
0
200
400
0
0.5
1.0
1.5
2.0
3.0
2.5
0
2
8
4
12
10
6
(I
O1 = IO2) - Load Current - A
0
0.5
1.0
1.5
2.0
3.0
2.5
0
60
0.5
80
70
1.0
1.5
50
100
90
2.0
3.0
(I
O1 = IO2) - Load Current - A
2.5
-400
-200
0
200
400
I
O2 - Load Current - A
D VO1 with IO1 = 1 A
0
0.5
1.0
1.5
2.0
3.0
2.5
Not Recommended for New Designs
PTB48510
PTB48511
SLTS219F – FEBRUARY 2004 – REVISED MARCH 2007
www.ti.com
TYPICAL CHARACTERISTICS (Continued)
PTB4851xB CHARACTERISTIC DATA at VI = 48 V (1) (2)
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the
converter.
EFFICIENCY
POWER DISSIPATION
vs
vs
LOAD CURRENT
LOAD CURRENT
CROSS REGULATION
Figure 8.
Figure 6. (1)
Figure 7. (1)
CROSS REGULATION
SAFE OPERATING AREA
Figure 9.
Figure 10. (1) (2)
(1)
Under a balanced load, current flowing out of VO1 is equal to that flowing into VO2.
(2)
SOA curves represent the conditions at which internal components are at or below the manufacturer's maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 in. × 4 in. double-sided PCB with 1 oz. copper.
8
Copyright © 2004–2007, Texas Instruments Incorporated


Similar Part No. - PTB48510CAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510C TI-PTB48510C Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
More results

Similar Description - PTB48510CAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com