Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48511AAS Datasheet(PDF) 2 Page - Texas Instruments

Part # PTB48511AAS
Description  DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48511AAS Datasheet(HTML) 2 Page - Texas Instruments

  PTB48511AAS Datasheet HTML 1Page - Texas Instruments PTB48511AAS Datasheet HTML 2Page - Texas Instruments PTB48511AAS Datasheet HTML 3Page - Texas Instruments PTB48511AAS Datasheet HTML 4Page - Texas Instruments PTB48511AAS Datasheet HTML 5Page - Texas Instruments PTB48511AAS Datasheet HTML 6Page - Texas Instruments PTB48511AAS Datasheet HTML 7Page - Texas Instruments PTB48511AAS Datasheet HTML 8Page - Texas Instruments PTB48511AAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Not Recommended for New Designs
PTB48510
PTB48511
SLTS219F – FEBRUARY 2004 – REVISED MARCH 2007
www.ti.com
ORDERING INFORMATION
BASE DEVICE NUMBER. (PTB4851xxx)
OUTPUT VOLTAGE
PACKAGE OPTIONS (PT4851xx)
(PTB4851xx)
ORDER
VOLTAGE
PACKAGE
DESCRIPTION
CODE
CODE
DESCRIPTION
PREFIX
(V)
REFERENCE(1)
PTB48510xxx
Basic model
A
±5
AH
Horizontal T/H
ERK
Adds output overvoltage protection(2)
B
±12
AS
SMD, Standard(3)
ERL
PTB48511xxx
C
±15(4)
(1)
Reference the applicable package reference drawing for the dimensions and PC board layout
(2)
Output overvoltage protection
(3)
Standard option specifies 63/37, Sn/Pb pin solder material
(4)
±15-V output is not available with the PTB48511
Environmental and General Specifications
(Unless otherwise stated, all voltages are with respect to VI2)
VALUE
UNIT
VI
Input Voltage Range
Over output load range
36 to 75
VDC
Isolation Voltage
Input-output/input/case
1500
V
Capacitance
Input to output
1500
pF
Resistance
Input to output
10
m
TA
Operating Temperature Range
Over VI Range
–40 to 85
Shutdown threshold
115(1)
OTP
Over-Temperature Protection
Hysterisis
10
°C
Treflow
Solder Reflow Temperature
Surface temperature of module body or pins
235(2)
Ts
Storage Temperature
–55 to 125
Per Mil-STD-883D, Method 2002.3 T/H
500
Mechanical Shock
G
1 ms, 1/2 Sine, mounted
SMD
250
T/H
10
Mil-STD-883D, Method 2007.2
Mechanical Vibration Mil-STD-883D
G
20-2000 Hz
SMD
5
Weight
28
grams
Flammability
Meets UL 94V-O
(1)
This parameter is assured by design.
(2)
During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
2
Copyright © 2004–2007, Texas Instruments Incorporated


Similar Part No. - PTB48511AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48511A TI-PTB48511A Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
More results

Similar Description - PTB48511AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com