Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V230 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90V230
Description  16-bit Proprietary Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V230 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90V230 Datasheet HTML 1Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 2Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 3Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 4Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 5Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
DS07-13504-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16F MB90230 Series
MB90233/234/P234/W234
s DESCRIPTION
The MB90230 series is a member of general-purpose, 16-bit microcontrollers designed for those applications which
require high-speed realtimeprocessing, proving to be suitable for various industrial machines, camera and video
devices, OA equipment, and for process control. The CPU used in this series is the F2MC*-16F. The instruction
set for the F2MC-16F CPU core is designed to be optimized for controller applications while inheriting the AT
architecture of the F2MC-16/16H series, allowing a wide range of control tasks to be processed efficiently at high
speed.
The peripheral resources integrated in the MB90230 series include: the UART (clock asynchronous/synchronous
transfer)
× 1 channel, the extended serial I/O interface × 1 channel, the A/D converter (8/10-bit precision) × 8
channels, the D/A converter (8-bit precision)
× 2 channels, the level comparator × 1 channel, the external interrupt
input
× 4 lines, the 8-bit PPG timer (PWM/single-shot function) × 1 channel, the 8-bit PWM controller × 6 channels,
the 16-bit free run timer
× 1 channel, the input capture unit × 4 channels, the output compare unit × 6 channels,
and the serial E2PROM interface.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
F2MC-16F CPU block
• Minimum execution time: 62.5 ns (at machine clock frequency of 16 MHz)
• Instruction set optimized for controllers
Various data types supported (bit, byte, word, and long-word)
Extended addressing modes: 23 types
High coding efficiency
Higher-precision operation enhanced by a 32-bit accumulator
Signed multiplication and division instructions
(Continued)
s PACKAGE
100-pin Plastic LQFP
(FPT-100P-M05)
100-pin Ceramic LQFP
(FPT-100C-C01)


Similar Part No. - MB90V230

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V210 FUJITSU-MB90V210 Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90V210CR FUJITSU-MB90V210CR Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90V220 FUJITSU-MB90V220 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90V220CR FUJITSU-MB90V220CR Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V230

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com