Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V230 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90V230
Description  16-bit Proprietary Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V230 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90V230 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 9Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 10Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 11Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 12Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 13Page - Fujitsu Component Limited. MB90V230 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
MB90230 Series
10
(Continued)
Pin no.
Pin name
Circuit
type
Function
64
PA0
I
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SIN1
Serial data input pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
65
PA1
H
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SOT1
Serial data output pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
66
PA2
I
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SCK1
Clock output pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
67
PA3
I
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SIN2
Serial data input pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
68
PA4
H
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SOT2
Serial data output pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
69
PA5
I
General-purpose I/O port
This port is always enabled.
The port serves as an open-drain output depending on the open-drain
setting register.
SCK2
Clock output pin for the extended serial I/O interface
This pin functions when enabled by the control status register and by
the serial port switching register.
The pin is a general-purpose I/O port.


Similar Part No. - MB90V230

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V210 FUJITSU-MB90V210 Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90V210CR FUJITSU-MB90V210CR Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90V220 FUJITSU-MB90V220 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90V220CR FUJITSU-MB90V220CR Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V230

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com