Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2X52 Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430G2X52
Description  MIXED SIGNAL MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2X52 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430G2X52_14 Datasheet HTML 4Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 5Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 6Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 7Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 8Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 9Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 10Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 11Page - Texas Instruments MSP430G2X52_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MSP430G2x52
MSP430G2x12
SLAS722G – DECEMBER 2010 – REVISED MAY 2013
www.ti.com
Operating Modes
The MSP430 has one active mode and five software-selectable low-power modes of operation. An interrupt
event can wake up the device from any of the low-power modes, service the request, and restore back to the
low-power mode on return from the interrupt program.
The following six operating modes can be configured by software:
Active mode (AM)
All clocks are active
Low-power mode 0 (LPM0)
CPU is disabled
ACLK and SMCLK remain active, MCLK is disabled
Low-power mode 1 (LPM1)
CPU is disabled
ACLK and SMCLK remain active, MCLK is disabled
DCO's dc generator is disabled if DCO not used in active mode
Low-power mode 2 (LPM2)
CPU is disabled
MCLK and SMCLK are disabled
DCO's dc generator remains enabled
ACLK remains active
Low-power mode 3 (LPM3)
CPU is disabled
MCLK and SMCLK are disabled
DCO's dc generator is disabled
ACLK remains active
Low-power mode 4 (LPM4)
CPU is disabled
ACLK is disabled
MCLK and SMCLK are disabled
DCO's dc generator is disabled
Crystal oscillator is stopped
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated


Similar Part No. - MSP430G2X52_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2X52_1112 TI1-MSP430G2X52_1112 Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
More results

Similar Description - MSP430G2X52_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com