Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90P214BPF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90P214BPF
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90P214BPF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90P214BPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 12Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 13Page - Fujitsu Component Limited. MB90P214BPF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
MB90210 Series
10
* : FPT-80P-M06, FPT-80C-C02
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*
24
PWC0
E
PWC timer input pin
Since this input is used whenever the PWC0 timer is in input
operation, the output by any other function must be suspended
unless the output is intentionally performed.
POUT0
PWC timer output pin
This pin is available when the PWC0 is output operation.
25
P45
E
General-purpose I/O port
This port is available in the single-chip mode or when the upper
address control register setting is “port.”
A21
Output pin for external address bus A21
This pin is available in an external-bus mode and when the upper
address control register setting is “address.”
PWC1
PWC timer data sample input pin
Since this input is used whenever the PWC1 timer is in input
operation, the output by any other function must be suspended
unless the output is intentionally performed.
POUT1
PWC timer output pin
This pin is available when the PWC1 is output operation.
26
P46
E
General-purpose I/O port
This port is available in the single-chip mode or when the upper
address control register setting is “port.”
A22
Output pin for external address bus A22
This pin is available in an external-bus mode and when the upper
address control register setting is “address.”
PWC2
PWC timer input pin
Since this input is used whenever the PWC2 timer is in input
operation, the output by any other function must be suspended
unless the output is intentionally performed.
POUT2
PWC timer output pin
This pin is available when the PWC2 is output operation.
27
P47
E
General-purpose I/O port
This port is available in the single-chip mode or when the upper
address control register setting is “port.”
A23
Output pin for external address bus A23
This pin is available in an external-bus mode and when the upper
address control register setting is “address.”
PWC3
PWC timer input pin
Since this input is used whenever the PWC3 timer is in input
operation, the output by any other function must be suspended
unless the output is intentionally performed.
POUT3
PWC timer output pin
This pin is available when the PWC3 is output operation.


Similar Part No. - MB90P214BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90P224A FUJITSU-MB90P224A Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90P224B FUJITSU-MB90P224B Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90P224BPF FUJITSU-MB90P224BPF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90P224PF FUJITSU-MB90P224PF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90P234 FUJITSU-MB90P234 Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90P214BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com