Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR5947IRHAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5947IRHAR
Description  MSP430FR59xx Mixed-Signal Microcontrollers
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5947IRHAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430FR5947IRHAR Datasheet HTML 7Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 8Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 9Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 10Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 11Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 12Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 13Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 14Page - Texas Instruments MSP430FR5947IRHAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
MSP430FR5969, MSP430FR59691, MSP430FR5968, MSP430FR5967
MSP430FR5959, MSP430FR5958, MSP430FR5957
MSP430FR5949, MSP430FR5948, MSP430FR5947, MSP430FR59471
www.ti.com
SLAS704C – OCTOBER 2012 – REVISED JUNE 2014
4.6
Signal Descriptions
Table 4-1 describes the signals for all device variants and package options.
Table 4-1. Signal Descriptions
TERMINAL
NO.(2)
I/O(1)
DESCRIPTION
NAME
RGZ
RHA
DA
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
TA0 CCR1 capture: CCI1A input, compare: Out1
External DMA trigger
P1.0/TA0.1/DMAE0/
RTC clock calibration output (not available on MSP430FR5x5x devices)
RTCCLK/A0/C0/VREF-/
1
1
5
I/O
VeREF-
Analog input A0 – ADC
Comparator input C0
Output of negative reference voltage
Input for an external negative reference voltage to the ADC
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
TA0 CCR2 capture: CCI2A input, compare: Out2
TA1 input clock
P1.1/TA0.2/TA1CLK/
Comparator output
COUT/A1/C1/VREF+/
2
2
6
I/O
VeREF+
Analog input A1 – ADC
Comparator input C1
Output of positive reference voltage
Input for an external positive reference voltage to the ADC
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
TA1 CCR1 capture: CCI1A input, compare: Out1
P1.2/TA1.1/TA0CLK/
TA0 input clock
3
3
7
I/O
COUT/A2/C2
Comparator output
Analog input A2 – ADC
Comparator input C2
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P3.0/A12/C12
4
4
8
I/O
Analog input A12 – ADC
Comparator input C12
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P3.1/A13/C13
5
5
9
I/O
Analog input A13 – ADC
Comparator input C13
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P3.2/A14/C14
6
6
10
I/O
Analog input A14 – ADC
Comparator input C14
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P3.3/A15/C15
7
7
11
I/O
Analog input A15 – ADC
Comparator input C15
(1)
I = input, O = output
(2)
N/A = not available
Copyright © 2012–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback
Product Folder Links: MSP430FR5969 MSP430FR59691 MSP430FR5968 MSP430FR5967 MSP430FR5959
MSP430FR5958 MSP430FR5957 MSP430FR5949 MSP430FR5948 MSP430FR5947 MSP430FR59471


Similar Part No. - MSP430FR5947IRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5947IRHAR TI1-MSP430FR5947IRHAR Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5947IRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com