Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V590A Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90V590A
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V590A Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90V590A Datasheet HTML 6Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 7Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 8Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 9Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 10Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 11Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 12Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 13Page - Fujitsu Component Limited. MB90V590A Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
MB90590/590G Series
10
(Continued)
No.
Pin name
Circuit type
Function
35
AVRH
Power
supply
Reference voltage input pin for analog circuit
When turning this power supply on or off, always be sure to first apply
electric potential equal to or greater than AVRH to AVCC.
36
AVRL
Power
supply
Reference voltage input pin for analog circuit
49, 50
MD0, MD1
C
Operating mode selection input pins
Connect directly to VCC or VSS.
51
MD2
G
Operating mode selection input pin
Connect directly to VCC or VSS.
27
C
This is the power supply stabilization capacitor pin. It should be con-
nected externally to an 0.1
µF ceramic capacitor.
23, 84
VCC
Power
supply
Power supply (5.0 V) input pin for digital circuit
11,42,81
VSS
Power
supply
Power supply (GND) input pin for digital circuit


Similar Part No. - MB90V590A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V590ACR FUJITSU-MB90V590ACR Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V590A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com