Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5419A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5419A
Description  Mixed Signal Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5419A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F5419A Datasheet HTML 3Page - Texas Instruments MSP430F5419A Datasheet HTML 4Page - Texas Instruments MSP430F5419A Datasheet HTML 5Page - Texas Instruments MSP430F5419A Datasheet HTML 6Page - Texas Instruments MSP430F5419A Datasheet HTML 7Page - Texas Instruments MSP430F5419A Datasheet HTML 8Page - Texas Instruments MSP430F5419A Datasheet HTML 9Page - Texas Instruments MSP430F5419A Datasheet HTML 10Page - Texas Instruments MSP430F5419A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
MSP430F5438A, MSP430F5437A, MSP430F5436A, MSP430F5435A
MSP430F5419A, MSP430F5418A
www.ti.com
SLAS655D – JANUARY 2010 – REVISED AUGUST 2013
Table 2. Terminal Functions
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
ZQW
General-purpose digital I/O
P6.4/A4
1
1
A1
I/O
Analog input A4 – ADC
General-purpose digital I/O
P6.5/A5
2
2
E4
I/O
Analog input A5 – ADC
General-purpose digital I/O
P6.6/A6
3
3
B1
I/O
Analog input A6 – ADC
General-purpose digital I/O
P6.7/A7
4
4
C2
I/O
Analog input A7 – ADC
General-purpose digital I/O
P7.4/A12
5
5
F4
I/O
Analog input A12 –ADC
General-purpose digital I/O
P7.5/A13
6
6
C1
I/O
Analog input A13 – ADC
General-purpose digital I/O
P7.6/A14
7
7
D2
I/O
Analog input A14 – ADC
General-purpose digital I/O
P7.7/A15
8
8
G4
I/O
Analog input A15 – ADC
General-purpose digital I/O
Analog input A8 – ADC
P5.0/A8/VREF+/VeREF+
9
9
D1
I/O
Output of reference voltage to the ADC
Input for an external reference voltage to the ADC
General-purpose digital I/O
Analog input A9 – ADC
P5.1/A9/VREF-/VeREF-
10
10
E1
I/O
Negative terminal for the ADC's reference voltage for both sources, the
internal reference voltage, or an external applied reference voltage
AVCC
11
11
E2
Analog power supply
AVSS
12
12
F2
Analog ground supply
General-purpose digital I/O
P7.0/XIN
13
13
F1
I/O
Input terminal for crystal oscillator XT1
General-purpose digital I/O
P7.1/XOUT
14
14
G1
I/O
Output terminal of crystal oscillator XT1
DVSS1
15
15
G2
Digital ground supply
DVCC1
16
16
H2
Digital power supply
General-purpose digital I/O with port interrupt
P1.0/TA0CLK/ACLK
17
17
H1
I/O
TA0 clock signal TACLK input
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O with port interrupt
P1.1/TA0.0
18
18
H4
I/O
TA0 CCR0 capture: CCI0A input, compare: Out0 output
BSL transmit output
General-purpose digital I/O with port interrupt
P1.2/TA0.1
19
19
J4
I/O
TA0 CCR1 capture: CCI1A input, compare: Out1 output
BSL receive input
General-purpose digital I/O with port interrupt
P1.3/TA0.2
20
20
J1
I/O
TA0 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P1.4/TA0.3
21
21
J2
I/O
TA0 CCR3 capture: CCI3A input compare: Out3 output
General-purpose digital I/O with port interrupt
P1.5/TA0.4
22
22
K1
I/O
TA0 CCR4 capture: CCI4A input, compare: Out4 output
General-purpose digital I/O with port interrupt
P1.6/SMCLK
23
23
K2
I/O
SMCLK output
P1.7
24
24
L1
I/O
General-purpose digital I/O with port interrupt
General-purpose digital I/O with port interrupt
P2.0/TA1CLK/MCLK
25
25
M1
I/O
TA1 clock signal TA1CLK input
MCLK output
(1)
I = input, O = output, N/A = not available on this package offering
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: MSP430F5438A MSP430F5437A MSP430F5436A MSP430F5435A MSP430F5419A
MSP430F5418A


Similar Part No. - MSP430F5419A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5419A TI1-MSP430F5419A Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5419A TI1-MSP430F5419A Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5419A TI-MSP430F5419A Datasheet
3Mb / 118P
[Old version datasheet]   MSP430F543xA, MSP430F541xA Mixed-Signal Microcontrollers
MSP430F5419AIPZ TI-MSP430F5419AIPZ Datasheet
786Kb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5419AIPZ TI-MSP430F5419AIPZ Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5419A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com